Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2936-5.0 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2936-5.0
Description  Ultra-Low Quiescent Current 5V Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2936-5.0 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2936-5.0 Datasheet HTML 1Page - National Semiconductor (TI) LM2936-5.0 Datasheet HTML 2Page - National Semiconductor (TI) LM2936-5.0 Datasheet HTML 3Page - National Semiconductor (TI) LM2936-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LM2936-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LM2936-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LM2936-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LM2936-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LM2936-5.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM2936-5.0
Ultra-Low Quiescent Current 5V Regulator
General Description
The LM2936 ultra-low quiescent current regulator features
low dropout voltage and low current in the standby mode.
With less than 15 µA quiescent current at a 100 µA load, the
LM2936 is ideally suited for automotive and other battery
operated systems. The LM2936 retains all of the features
that are common to low dropout regulators including a low
dropout PNP pass device, short circuit protection, reverse
battery protection, and thermal shutdown. The LM2936 has
a 40V maximum operating voltage limit, a −40˚C to +125˚C
operating temperature range, and ±3% output voltage toler-
ance over the entire output current, input voltage, and tem-
perature range. The LM2936 is available in a TO-92 pack-
age, a SO-8 surface mount package, and a TO-252 surface
mount power package.
Features
n
Ultra low quiescent current (I
Q
≤ 15 µA for I
O = 100 µA)
n
Fixed 5V, 50 mA output
n ±
2% Initial output tolerance
n ±
3% Output tolerance over line, load, and temperature
n
Dropout voltage typically 200 mV @ I
O =50 mA
n
Reverse battery protection
n
−50V reverse transient protection
n
Internal short circuit current limit
n
Internal thermal shutdown protection
n
40V operating voltage limit
n
60V operating voltage limit for LM2936HV
n
Shutdown Pin available with LM2936BM package
Typical Application
00975901
* Required if regulator is located more than 2" from power supply filter capacitor.
** Required for stability. Must be rated for 10 µF minimum over intended operating temperature range. Effective series resistance (ESR) is critical, see
curve. Locate capacitor as close as possible to the regulator output and ground pins. Capacitance may be increased without bound.
Connection Diagrams
TO-252
SOT-223
00975925
Top View
Order Number LM2936DT-5.0
See NS Package Number TD03B
00975926
Top View
Order Number LM2936MP-5.0
See NS Package Number MA04A
June 2002
© 2002 National Semiconductor Corporation
DS009759
www.national.com


Similar Part No. - LM2936-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2936-5.0EP TI1-LM2936-5.0EP Datasheet
512Kb / 16P
LM2936-5.0EP Enhanced Plastic Ultra-Low Quiescent Current 5V Regulator
More results

Similar Description - LM2936-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936-33 NSC-LM2936-33 Datasheet
295Kb / 10P
Ultra-Low Quiescent Current 3.3V Regulator
LM2936-50 NSC-LM2936-50 Datasheet
331Kb / 9P
Ultra-Low Quiescent Current 5V Regulator
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
Ultra-Low Quiescent Current Voltage Regulator
LM2936-3.0 NSC-LM2936-3.0 Datasheet
301Kb / 10P
Ultra-Low Quiescent Current 3.0V Regulator
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM2936-5.0EP TI1-LM2936-5.0EP Datasheet
512Kb / 16P
LM2936-5.0EP Enhanced Plastic Ultra-Low Quiescent Current 5V Regulator
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
Ultra Low Quiescent Current Linear Regulator
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
Ultra-Low Quiescent Current Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com