Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3670 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3670
Description  Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3670 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3670 Datasheet HTML 1Page - National Semiconductor (TI) LM3670 Datasheet HTML 2Page - National Semiconductor (TI) LM3670 Datasheet HTML 3Page - National Semiconductor (TI) LM3670 Datasheet HTML 4Page - National Semiconductor (TI) LM3670 Datasheet HTML 5Page - National Semiconductor (TI) LM3670 Datasheet HTML 6Page - National Semiconductor (TI) LM3670 Datasheet HTML 7Page - National Semiconductor (TI) LM3670 Datasheet HTML 8Page - National Semiconductor (TI) LM3670 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM3670
Miniature Step-Down DC-DC Converter for Ultra Low
Voltage Circuits
General Description
The LM3670 step-down DC-DC converter is optimized for
powering ultra-low voltage circuits from a single Li-Ion cell or
3 cell NiMH/NiCd batteries. It provides up to 350 mA load
current, over an input voltage range from 2.5V to 5.5V. There
are several different fixed voltage output options available as
well as an adjustable output voltage version.
The device offers superior features and performance for
mobile phones and similar portable applications with com-
plex power management systems. Automatic intelligent
switching between PWM low-noise and PFM low-current
mode offers improved system control. During full-power op-
eration, a fixed-frequency 1 MHz (typ). PWM mode drives
loads from
∼70 mA to 350 mA max, with up to 95% efficiency.
Hysteretic PFM mode extends the battery life through reduc-
tion of the quiescent current to 15 µA (typ) during light
current loads and system standby. Internal synchronous rec-
tification provides high efficiency (90 to 95% typ. at loads
between 1 mA and 100 mA). In shutdown mode (Enable pin
pulled low) the device turns off and reduces battery con-
sumption to 0.1 µA (typ.).
The LM3670 is available in a SOT23-5 package. A high
switching frequency - 1 MHz (typ) - allows use of tiny
surface-mount components. Only three external surface-
mount components, an inductor and two ceramic capacitors,
are required.
Features
n
V
OUT = adj (.7V min), 1.2, 1.5, 1.6, 1.8, 1.875, 2.5, 3.3V
n
2.5V
≤ V
IN
≤ 5.5V
n
15 µA typical quiescent current
n
350 mA maximum load capability
n
1 MHz PWM fixed switching frequency (typ.)
n
Automatic PFM/PWM mode switching
n
Available in fixed output voltages as well as an
adjustable version
n
SOT23-5 package
n
Low drop out operation - 100% duty cycle mode
n
Internal synchronous rectification for high efficiency
n
Internal soft start
n
0.1 µA typical shutdown current
n
Operates from a single Li-Ion cell or 3 cell NiMH/NiCd
batteries
n
Only three tiny surface-mount external components
required (one inductor, two ceramic capacitors)
n
Current overload protection
Applications
n
Mobile phones
n
Hand-Held Radios
n
Personal Digital Assistants
n
Palm-top PCs
n
Portable Instruments
n
Battery Powered Devices
Typical Application
20075801
FIGURE 1. 1.8V - Fixed Output Voltage - Typical Application Circuit
December 2004
© 2004 National Semiconductor Corporation
DS200758
www.national.com


Similar Part No. - LM3670

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3670 NSC-LM3670 Datasheet
978Kb / 17P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI-LM3670 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI1-LM3670 Datasheet
1Mb / 24P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI2-LM3670 Datasheet
799Kb / 29P
LM3670 Miniature Step-Down DC-DC Converter for Ultralow Voltage Circuits
REVISED FEBRUARY 2016
logo
National Semiconductor ...
LM3670MF-1.2 NSC-LM3670MF-1.2 Datasheet
978Kb / 17P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results

Similar Description - LM3670

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2612BL NSC-LM2612BL Datasheet
2Mb / 19P
400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670MF-18 TI-LM3670MF-18 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI1-LM3670MF-18 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com