Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010MH Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5010MH
Description  High Voltage 1A Step Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5010MH Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM5010MH Datasheet HTML 1Page - National Semiconductor (TI) LM5010MH Datasheet HTML 2Page - National Semiconductor (TI) LM5010MH Datasheet HTML 3Page - National Semiconductor (TI) LM5010MH Datasheet HTML 4Page - National Semiconductor (TI) LM5010MH Datasheet HTML 5Page - National Semiconductor (TI) LM5010MH Datasheet HTML 6Page - National Semiconductor (TI) LM5010MH Datasheet HTML 7Page - National Semiconductor (TI) LM5010MH Datasheet HTML 8Page - National Semiconductor (TI) LM5010MH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN to GND
76V
BST to GND
90V
SW to GND (Steady State)
-1.5V
BST to V
CC
76V
BST to SW
14V
V
CC to GND
14V
S
GND to RTN
-0.3V to +0.3V
SS to RTN
-0.3V to 4V
V
IN to SW
76V
Current Out of I
SEN
See Text
All Other Inputs to GND
-0.3 to 7V
ESD Rating (Note 2)
Human Body Model
2kV
Storage Temperature Range
-55˚C to +150˚C
Lead Temperature (Soldering 4 sec) (Note 4)
260˚C
Operating Ratings (Note 1)
V
IN
8V to 75V
Operating Junction Temperature
−40˚C to + 125˚C
Electrical Charateristics
Specifications with standard typeface are for T
J = 25˚C, and those with boldface type apply over full Operating Junction
Temperature range.V
IN = 48V, RON = 200k
Ω, unless otherwise stated (Note 5) and (Note 6).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
CC Regulator
V
CCReg
V
CC regulated output
6.6
7
7.4
Volts
V
IN -VCC
I
CC = 0 mA, FS < 200 kHz
7.5V
≤ V
IN
≤ 8.0V
1.3
V
V
CC output impedance
(0 mA
≤ I
CC
≤ 5 mA)
V
IN = 8.0V
V
IN = 48V
140
2.5
Ω
V
CC current limit (Note 3)
V
CC =0V
10
mA
UVLO
VCC
V
CC under-voltage lockout
threshold
V
CC increasing
5.8
V
UVLO
VCC hysteresis
V
CC decreasing
145
mV
UVLO
VCC filter delay
100 mV overdrive
3
µs
I
IN operating current
Non-switching, FB = 3V
650
850
µA
I
IN shutdown current
R
ON/SD=0V
95
200
µA
Switch Characteristics
Rds(on)
Buck Switch Rds(on)
I
TEST = 200 mA
0.35
0.80
Ω
UVLO
GD
Gate Drive UVLO
V
BST -VSW Increasing
3.0
4.3
5.0
V
UVLO
GD hysteresis
440
mV
Softstart Pin
Pull-up voltage
2.5
V
Internal current source
11.5
µA
Current Limit
I
LIM
Threshold
Current out of I
SEN
1
1.25
1.5
A
Resistance from I
SEN to SGND
130
m
Ω
Response time
150
ns
On Timer, R
ON/SD Pin
t
ON - 1
On-time
V
IN = 10V, RON = 200 k
Ω
2.1
2.75
3.4
µs
t
ON - 2
On-time
V
IN = 75V, RON = 200 k
Ω
290
390
490
ns
Shutdown threshold
Voltage at R
ON/SD rising
0.35
0.65
1.1
V
Threshold hysteresis
Voltage at R
ON/SD falling
40
mV
Off Timer
t
OFF
Off-time
265
ns
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com