Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010MH Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5010MH
Description  High Voltage 1A Step Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5010MH Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM5010MH Datasheet HTML 1Page - National Semiconductor (TI) LM5010MH Datasheet HTML 2Page - National Semiconductor (TI) LM5010MH Datasheet HTML 3Page - National Semiconductor (TI) LM5010MH Datasheet HTML 4Page - National Semiconductor (TI) LM5010MH Datasheet HTML 5Page - National Semiconductor (TI) LM5010MH Datasheet HTML 6Page - National Semiconductor (TI) LM5010MH Datasheet HTML 7Page - National Semiconductor (TI) LM5010MH Datasheet HTML 8Page - National Semiconductor (TI) LM5010MH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Electrical Charateristics (Continued)
Specifications with standard typeface are for T
J = 25˚C, and those with boldface type apply over full Operating Junction
Temperature range.V
IN = 48V, RON = 200k
Ω, unless otherwise stated (Note 5) and (Note 6).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Regulation and Over-Voltage Comparators (FB Pin)
V
REF
FB regulation threshold
SS pin = steady state
2.445
2.5
2.550
V
FB over-voltage threshold
2.9
V
FB bias current
1
nA
Thermal Shutdown
T
SD
Thermal shutdown
temperature
175
˚C
Thermal shutdown hysteresis
20
˚C
Thermal Resistance
θ
JA
Junction to Ambient
SDC Package
MXA Package
40
40
˚C/W
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 3: VCC provides bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
Note 4: For detailed information on soldering plastic TSSOP and LLP packages refer to the Packaging Data Book available from National Semiconductor
Corporation.
Note 5: Typical specifications represent the most likely parametric norm at 25˚C operation.
Note 6: All limits are guaranteed. All electrical characteristics having room temperature limits are tested during production with TA = 25˚C. All hot and cold limits are
guaranteed by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com