Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV232TLX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV232TLX
Description  Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV232TLX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV232TLX Datasheet HTML 1Page - National Semiconductor (TI) LMV232TLX Datasheet HTML 2Page - National Semiconductor (TI) LMV232TLX Datasheet HTML 3Page - National Semiconductor (TI) LMV232TLX Datasheet HTML 4Page - National Semiconductor (TI) LMV232TLX Datasheet HTML 5Page - National Semiconductor (TI) LMV232TLX Datasheet HTML 6Page - National Semiconductor (TI) LMV232TLX Datasheet HTML 7Page - National Semiconductor (TI) LMV232TLX Datasheet HTML 8Page - National Semiconductor (TI) LMV232TLX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2.7 DC and AC Electrical Characteristics (Continued)
Unless otherwise specified, all limits are guaranteed to V
DD = 2.7V; TJ = 25˚C. Boldface limits apply at temperature extremes.
(Note 4)
Symbol
Parameter
Condition
Min
Typ
Max
Units
K
DET
Detection Slope
900 MHz
21
µA/mW
1800 MHz
10
1900 MHz
10
2000 MHz
10
f
LOW
LF Input Corner Frequency
Lower −3 dB Point of Detection Slope
60
MHz
f
HIGH
HF Input Corner Frequency
Upper −3 dB Point of Detection Slope
1.0
GHz
A
ISO
Channel Isolation
900 MHz
58
dB
1800 MHz
62
1900 MHz
58
2000 MHz
55
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model: 1.5 k
Ω in series with 100 pF. Machine model, 0Ω in series with 100 pF.
Note 3: The maximum power dissipation is a function of TJ(MAX) , θJA and TA. The maximum allowable power dissipation at any ambient temperature is PD =
(TJ(MAX) -TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 4: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device such that TJ =TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self-heating where TJ > TA.
Note 5: Power in dBV = dBm + 13 when the impedance is 50
Ω.
Note 6: All limits are guaranteed by design or statistical analysis.
Note 7: Typical values represent the most likely parametric norm.
Note 8: Device is set in active mode with a 10 k
Ω resistor from VDD to RFIN/EN. RF signal is applied using a 50Ω RF signal generator AC coupled to the RFIN/EN
pin using a 100 pF coupling capacitor.
Note 9: Turn-on time is measured by connecting a 10 k
Ω resistor to the RFIN/EN pin. Be aware that in the actual application on the front page, the RC-time constant
of resistor R2 and capacitor C adds an additional delay.
Note 10: Typical numbers represent the 3-sigma value of 10k units. 3-sigma value of variation between −40˚C / 25˚C and variation between 25˚C / 85˚C.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com