Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV232TLX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV232TLX
Description  Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV232TLX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMV232TLX Datasheet HTML 5Page - National Semiconductor (TI) LMV232TLX Datasheet HTML 6Page - National Semiconductor (TI) LMV232TLX Datasheet HTML 7Page - National Semiconductor (TI) LMV232TLX Datasheet HTML 8Page - National Semiconductor (TI) LMV232TLX Datasheet HTML 9Page - National Semiconductor (TI) LMV232TLX Datasheet HTML 10Page - National Semiconductor (TI) LMV232TLX Datasheet HTML 11Page - National Semiconductor (TI) LMV232TLX Datasheet HTML 12Page - National Semiconductor (TI) LMV232TLX Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Application Notes (Continued)
The pedestal voltage at 25˚C is subtracted from the output
voltage of each curve. Variations of the pedestal voltage
over temperature are thus included in the error.
The pedestal voltage variation itself consists of 2 error
sources. One is the variation of the reference voltage V
REF.
The other is an offset current I
OS that is generated inside the
detector. This depicted in Figure 4. Depending on the mea-
surement strategy one or both error sources can be elimi-
nated.
The error sources of the pedestal voltage can be shown in a
formula for V
OUT:
V
OUT =VREF +(IOS +IDET)*RFB
Where I
DET represents the intended detector output signal.
In the absence of RF input power I
DET equals zero. The
formula for the pedestal voltage can therefore be written as:
V
PEDESTAL =VREF +IOS *RFB
For low input power levels, the pedestal variation V
PEDESTAL
is the dominant cause of error. Besides temperature varia-
tion of the pedestal voltage, which limits the lower end of the
range, the pedestal voltage can also vary from part-to-part.
By applying a suitable measurement strategy, the pedestal
voltage error contribution can be significantly reduced or
eliminated completely.
POWER MEASUREMENT STRATEGIES
This section describes the measurement strategies to re-
duce or eliminate the pedestal voltage variation. Which strat-
egy is chosen depends on the possibilities for a factory trim
and implementation of calibration procedures.
Since the pedestal voltage is the reference level for the
LMV232, it needs to be calibrated/measured at least once to
eliminate part-to-part spread. This is required to determine
the exact detector output signal. Because of process toler-
ances, the absolute part-to-part variation of the output volt-
age in the absence of RF input power will be in the order of
5 - 10%. All measurement strategies discussed eliminate this
part-to-part spread.
Strategy 1: Elimination of Part-to-Part Spread at Room
Temperature Only
In this strategy, the pedestal voltage is determined once
during manufacturing and stored into the memory of the
phone. At each power measurement this stored pedestal
level is digitally subtracted from the measured output signal
of the LMV232 during normal operation. The procedure is
thus:
•
Measure the detector output in the absence of RF power
during manufacturing.
•
Store the output voltage value in the cell phone memory
(after it is analog-to-digital converted).
•
Subtract the stored value from each detector output read-
ing.
The advantage of this strategy is that calibration is required
only once during manufacturing and not during normal op-
eration. The disadvantage is the fact that this method neither
compensates for the residual temperature drift of the refer-
ence voltage V
REF nor for offset current variations. Only
part-to-part variations at room temperature are eliminated by
this strategy. Especially the residual temperature drift nega-
tively affects the measurement accuracy.
Strategy 2: Elimination of Temperature Spread in V
REF
If software changes need to be reduced to a minimum and
the baseband chip has a differential ADC, strategy 2 can be
used to eliminate temperature variations of the reference
voltage V
REF. One pin of the ADC is connected to FB and
one is connected to OUT (Figure 6).
The power measurement is independent of the reference
voltage V
REF, since the ADC reading is:
V
OUT-VFB =(IOS +IDET)*RFB
20127805
FIGURE 4. Pedestal Voltage
20127806
FIGURE 5. Strategy 1: Room Temperature Calibration
20127807
FIGURE 6. Strategy 2: Differential Measurement
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com