Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5201 Datasheet(PDF) 2 Page - First Components International

Part # CS5201
Description  1Amp Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

CS5201 Datasheet(HTML) 2 Page - First Components International

  CS5201 Datasheet HTML 1Page - First Components International CS5201 Datasheet HTML 2Page - First Components International CS5201 Datasheet HTML 3Page - First Components International CS5201 Datasheet HTML 4Page - First Components International CS5201 Datasheet HTML 5Page - First Components International CS5201 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Characteristics(Note 1)
Electrical Characteristics at I
=0 mA and T =+25
unless otherwise specified.
LOAD
J
The * denotes the specifications which apply over the full temperature range.
Note 1:Unless otherwise specified
V
=
V
. For CS5201(adj)
V
= oV
out
sense
adj
Note 2:For the adjustable device the minimum load current is the minimum current roquired to maintain regulation. Normally
the current in the resistor divier used to set the output voltage is selected to meet the minimum load current requiement.
Note 3:The control pin current is the drive current required for the output transistor. This current will track output current
with a ratio of about 1:100.
Note 4:The dropout voltage for the CS5201 is caused by either minimum control voltage or minimum power voltage.
The specifications represent the minimum input/output voltage required to maintain 1% regulation.
Parameter
Device
Min
Max
Units
Typ
Test Conditions
Reference Voltage
V
2.75V,V
2V,
I
=10mA
CONTROL
=
POWER
=
LOAD
V
2.7V to 12V,
CONTROL
=
V
3.3V to 5.5V,
ILOAD=10mA to 1A
POWER
=
V
=4V,
V
=2V
CONTROL
POWER
V
=3V,
V
=3.3V,
I
=0mA to 1A
CONTROL
POWER
LOAD
V
=5V,
V
=3.3V
CONTROL
POWER
V
=4V,
V
=3.3V,
I
=0mA to 1A
CONTROL
POWER
LOAD
V
=6V,
V
=4V
CONTROL
POWER
V
=5V,
V
=4.3V,
=0mA to 1A
CONTROL
POWER
ILOAD
V
=5.5V,
V
=3.5V
CONTROL
POWER
V
=4.5V,
V
=3.8V,
I
=0mA to 1A
CONTROL
POWER
LOAD
V
=7.5V,
V
=5.5V
CONTROL
POWER
V
=6.5V,
V
=5.8V,
I
=0mA to 1A
CONTROL
POWER
LOAD
I
=10mA,(1.5V+
V
)
V
12V,
LOAD
OUT
CONTROL
0.8V
(
V
-
V
)
5.5V
POWER
OUT
V
=
V
+2.5V,
V
=
V
+0.8V,
CONTROL
OUT
POWER
OUT
I
=10mA to 1A
LOAD
V
=
V
+2.5V,
V
=
V
+0.8V,
CONTROL
OUT
POWER
OUT
IL
=10mA to 1A
OAD
V
=
V
+2.5V,
V
=
V
+0.8V,
CONTROL
OUT
POWER
OUT
I
=10mA to 1A
LOAD
V
=2.75V,
V
=2.05V,
CONTROL
POWER
I
=10mA
LOAD
V
=
V
=
V
+2.5V,
V
=1
V
CONTROL
POWER
OUT
RIPPLE
P-P
,
I
=500mA
LOAD
V
=
V
+0.8V,
I
=10mA
POWER
OUT
LOAD
V
=
V
+0.8V,
I
=1A
POWER
OUT
LOAD
V
=
V
+2.5V,
I
=1A
CONTROL
OUT
LOAD
(
V -V
)=3V
IN
OUT
V
=5V,
V
=3.3V,
V
=0V
CONTROL
POWER
ADJ
V
=5.8V,
V
=3.8V
CONTROL
POWER
V
=4.8V,
V
=4.1V,
I
=0mA to 1A
CONTROL
POWER
LOAD
V
=5.35V,
V
3.35V
CONTROL
POWER
=
V
=4.4V,
V
3.7V,
I
=0mAto 1A
CONTROL
POWER
=
LOAD
CS5201
CS5201
-1.5
CS5201
-2.5
CS5201
-2.85
CS5201
-3.0
CS5201
-3.3
CS5201
-3.5
CS5201
-5.0
All
All
All
All
All
All
All
CS5201
1.238
1.250
1.262
1.230
1.250
1.270
1.485
1.475
1.500
1.500
1.515
1.525
2.475
2.460
2.500
2.500
2.525
2.540
2.821
2.805
2.850
2.850
2.879
2.895
2.970
2.950
3.000
3.000
3.030
3.050
3.267
3.247
3.300
3.300
3.333
3.353
3.465
3.445
3.500
3.500
3.535
3.555
4.950
4.920
5.000
5.000
0.04
0.20
0.08
0.40
1.7
5
20
5
10
50
120
1500
75
0.003
1.00
1.15
1.15
1.30
0.55
0.70
5.050
5.080
1000
60
CS5201
CS5201 TA=25 ,30ms pulse
Note 4
CS5201-1.5/
-2.5/-2.85
-3.0/-3.3/-3.5
-5.0
Output Voltage
Line Regulation
Load Regulation
Minimum Load
Current (Note 2)
Control Pin Current
(Note 3)
Ground Pin Current
Adjust Pin Current
Current Limit
Ripple Rejection
Thermal Regulation
Dropout Voltage
Control lnput
(V
- V
)
CONTROL
OUT
Power lnput
(V
- V
)
POWER
OUT
*
V
V
V
V
V
V
V
V
V
V
%
%
mA
mA
A
mA
mA
dB
%/W
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
CS-5201 1Amp Low Dropout Positive Voltage Regulator



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com