Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5201 Datasheet(PDF) 1 Page - First Components International

Part # CS5201
Description  1Amp Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

CS5201 Datasheet(HTML) 1 Page - First Components International

  CS5201 Datasheet HTML 1Page - First Components International CS5201 Datasheet HTML 2Page - First Components International CS5201 Datasheet HTML 3Page - First Components International CS5201 Datasheet HTML 4Page - First Components International CS5201 Datasheet HTML 5Page - First Components International CS5201 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CS-5201 1Amp Low Dropout Positive Voltage Regulator
1
The CS5201 series of positive adjustable
and fixed regulators are designed to provide 1A
with higher efficiency than currently available
devices. All internal circuitry is designed to
operate down to 700 mV input to output
differential and the dropout voltage is fully
specified as a function of load current.
Dropout voltage of the device is 100 mV at
light loads and rising to 700 mV at maximum
output current. A second low current input is
required to achieve this dropout. The CS5201
can also be used as single supply device
Adjustable or Fixed Output.
Output Current of 1A.
Low Dropout, 700 mV at 1A Output Current.
0.04% Line Regulation.
0.1% Load Regulation.
100% Thermal Limit Burn-ln.
Fast Transient Response.
Remote Sense.
FEATURES
(3 pin version).
Sym bol
PD
VIN
TJ
TSTG
TLEAD
Sto rag e Temperature
Lead Temperature(Soldering, 10 sec)
-65 to 150
300
Units
W
V
Parameter
Power Dissipation
Input Voltage
Vpower
Vcontrol
Operating Junction Temperature Range
Control Section
Power Transistor
Maximum
Internally Limited
7
13
0 to 125
0 to 150
Absolute Maximum Ratings
DESCRIPTION
3
2
1
FRONT VIEW
SOT-223
IN
OUT
ADJ/GND
TAB IS
VOUT
3
2
1
FRONT VIEW
T0-263
IN
OUT
ADJ/GND
TAB IS
VOUT
3
2
1
FRONT VIEW
3 LEAD TO-220
VIN
VOUT
ADJ/GND
5
4
3
2
1
FRONT VIEW
5 LEAD TO-220
VPOWER
VCONTROL
ADJUST/GND
SENSE
OUTPUT
5v
3.3v
2.5v,1A
R1
124
1%
R2
124
1%
0.1
F
5V
10
F
5V
1F
5V
150
F
5V
Typical application data
2.5V,1A regulator
Load
VCONTROL
VPOWER
V
=V
(1+R2/R1)+1
R2
OUT
REF
ADJ
V SENSE
VOUT
CS5201
Adjust


Similar Part No. - CS5201

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
1A Adjustable Linear Regulator
Rev. 2/16/98
logo
ON Semiconductor
CS5201-1 ONSEMI-CS5201-1 Datasheet
213Kb / 9P
1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS5201-1GDP3 CHERRY-CS5201-1GDP3 Datasheet
171Kb / 7P
1A Adjustable Linear Regulator
Rev. 2/16/98
logo
ON Semiconductor
CS5201-1GDP3 ONSEMI-CS5201-1GDP3 Datasheet
213Kb / 9P
1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS5201-1GDPR3 CHERRY-CS5201-1GDPR3 Datasheet
171Kb / 7P
1A Adjustable Linear Regulator
Rev. 2/16/98
More results

Similar Description - CS5201

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
500mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B_07 Datasheet
514Kb / 9P
800mA Low Dropout Positive Voltage Regulator
logo
International Rectifier
OM7671STM IRF-OM7671STM Datasheet
188Kb / 4P
Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
1.0A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
1A Low Dropout Positive Voltage Regulator
logo
First Components Intern...
CS-5201 FCI-CS-5201 Datasheet
271Kb / 6P
1Amp Low Dropout Positive Voltage Regulator
logo
Hangzhou Youwang Electr...
UTC1117 YOUWANG-UTC1117 Datasheet
96Kb / 7P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com