Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-5201 Datasheet(PDF) 3 Page - First Components International

Part # CS-5201
Description  1Amp Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

CS-5201 Datasheet(HTML) 3 Page - First Components International

  CS-5201 Datasheet HTML 1Page - First Components International CS-5201 Datasheet HTML 2Page - First Components International CS-5201 Datasheet HTML 3Page - First Components International CS-5201 Datasheet HTML 4Page - First Components International CS-5201 Datasheet HTML 5Page - First Components International CS-5201 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Pin Functions (5-Lead)
Block Diagram
Sense (Pin 1): This pin is the positive side of the
reference voltage. With this pin it is possible to Kelvin
Sense the output voltage at the load.
Adjust (Pin 2): This pin is the negative side of the
reference voltage. Adding a small bypass capacitor from
the Adjust pin to ground improves the transient response.
For fixed voltage devices the Adjust pin is also brought
out to allow the user to add a bypass capacitor.
GND (Pin 2): For fixed voltage device this is the bottom
of the resistor divider that sets the output voltage.
V
(Pin 5): This pin is the collector of the power
POWER
transistor.
The output load current is supplied through this
pin.
The voltage at this pin must be 0.7V greater than the
output voltage for the device to regulate.
V
(Pin 4): This pin is the supply pin for the control
CONTROL
circuitry. The current flow into this pin will be about 1% of
the output current.
The voltage at this pin must be 1.3V
greater than the output voltage for the device to regulate.
Output (Pin 3): This is the power output of the device.
3
V CONTROL
V OUT
SENCE
FOR FIXED
VOLTAGE
voltage
For adjustable
DEVICE
device
GND
ADJ
+
-
V POWER
CS-5201 1Amp Low Dropout Positive Voltage Regulator



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com