Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-5201 Datasheet(PDF) 5 Page - First Components International

Part # CS-5201
Description  1Amp Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

CS-5201 Datasheet(HTML) 5 Page - First Components International

  CS-5201 Datasheet HTML 1Page - First Components International CS-5201 Datasheet HTML 2Page - First Components International CS-5201 Datasheet HTML 3Page - First Components International CS-5201 Datasheet HTML 4Page - First Components International CS-5201 Datasheet HTML 5Page - First Components International CS-5201 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
The CS5201(adjustable version) develops a 1.25V
reference voltage between the Sense pin and the Adjust
pin (Figure 4).
Placing a resistor between these two
terminals causes a constant current to flow though R1
and down thouth R2 to set the output voltage. In general
R1 is chosen so that this current is the specified minimum
load current of 5 mA. The current out of the Adjust pin is
small, typically 50
A and it adds to the current from R1.
For best regulation the top of the resistor divider should
be connected directly to the Sense pin.
In normal operation CS5201 family does not need any
protection diodes between the adjustment pin and the
output and from the output to the input to prevent die
overstress.
Internal resistors are limiting the internal
current paths on the ADJ pin. Therefore even with bypass
capacitors on the adjust pin no protection diode is
needed to ensure device safety under short-circuit
conditions. The Adjust pin can be driver on a transient
basis
7V with respect to the output without any device
degradation.
A protection diode between the Output pin and VPOWER
pin is not usually needed. Microsecond surge currents of
50A to 100A can be handled by the internal diode
between the Output pin and V
pin of the device.
POWER
Output Voltage
Protection Diodes
In normal operations it is difficult to get those values of
surge currents even with the use of large output
capacitances. Only with high value output capacitors,
such as 1000
F to 5000
F and the V
pin is
POWER
instantaneously shorted to ground, damage can occour.
A diode from output to input is recommended (Figure 5).
If CS5201 is connected as a single supply device with the
control and power input pins shorted together the internal
diode between the output and the power input pin will
protect the control input pin.
The CS5201 series have internal power and thermal
limiting circuitry designed to protect the device under
overload conditions.
However maximum junction
temperature ratings should not be exceeded under
continuous normal load conditions. Careful consideration
must be given to all sources of thermal resistance from
junction to ambient, including junction-to-case, case-to-
heat sink interface and heat sink resistance itself.
Junction temperature of the Control section can run up to
125
. Junction temperature of the Power section can
run up to 150
.
Thermal Considerations
CONTROL
CONTROL
R2
R2
R1
R1
D1
D2
VOUT
VOUT
VCONTROL
VCONTROL
VPOWER
VPOWER
CS5201
CS5201
ADJ
ADJ
POWER
POWER
OUTPUT
OUTPUT
SENSE
SENSE
Figure 4. Setting Output Voltage
V
=
V
(1+R2/R1)+
I
R2
ADJ
OUT
REF
Figure 5. Optional Clamp Diodes Protect Against Input
Crowbar Circuits
+
+
+
+
+
+
IADJ
VREF
VREF
CS-5201 1Amp Low Dropout Positive Voltage Regulator



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com