Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F7632 Datasheet(PDF) 6 Page - First Components International

Part # F7632
Description  Fixed Multi-output Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

F7632 Datasheet(HTML) 6 Page - First Components International

  F7632 Datasheet HTML 1Page - First Components International F7632 Datasheet HTML 2Page - First Components International F7632 Datasheet HTML 3Page - First Components International F7632 Datasheet HTML 4Page - First Components International F7632 Datasheet HTML 5Page - First Components International F7632 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
C
Figure 7. Output Voltage2 vs.
Temperature (T = 0° ~ 150°)
A
7.9
7.89
7.88
7.87
7.86
7.85
7.84
0
25
50
75
100
125
150
Temperature T (°C)
J
10-SIP H/ S PACKAGE OUTLINE DIMENSIONS
0.984 (TYP)
25.00 (TYP)
0.472 (TYP)
12.00 (TYP)
0.4725 ± 0.0115
12.0 ± 0.30
0.236 (MIN)
6.000 (MIN)
0.5905 ± 0.0055
15.0 ± 0.15
0.100 (TYP)
2.540 (TYP)
0.047 (TYP)
1.200 (TYP)
Inches
mm
(
)
0.1575 ± 0.0055
4.00 ± 0.15
0.018 ± 0.004
0.45 ± 0.10
0.331 ± 0.006
8.40 ± 0.15
0.024 ± 0.004
0.60 ± 0.10
0.02 ± 0.004
0.50 ± 0.10
1.016 ± 0.008
25.8 ± 0.20
0.5Amp Fixed Multi-output Positive Voltage Regulator



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com