Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F7632 Datasheet(PDF) 1 Page - First Components International

Part # F7632
Description  Fixed Multi-output Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

F7632 Datasheet(HTML) 1 Page - First Components International

  F7632 Datasheet HTML 1Page - First Components International F7632 Datasheet HTML 2Page - First Components International F7632 Datasheet HTML 3Page - First Components International F7632 Datasheet HTML 4Page - First Components International F7632 Datasheet HTML 5Page - First Components International F7632 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Description
7632 is a multi-output positive voltage regulator de-
signed to provide fixed precision output voltages of 3.3V,
8V at current up to 0.5A and 5.1V at current up to 1A with
external PNP transistor.
An internal reset circuit generates a reset pulse when the
output 1 decrease below the regulated value. Output2 & 3
can be disabled by TTL input. Protection features include
over voltage protection, short circuit protection and thermal
shutdown.
Features
Output Currents up to 0.5A (output1 & 2)
Output Current up to 1A with External Transistor
(output3)
Fixed Precision Output 1 voltage 3.3V ± 2%
Fixed Precision Output 2 voltage 8V ± 2%
(GM7632)
Control Signal Generator for Output 3 voltage
(5.1V ± 2%)
Reset Facility for Output Voltage1
Output 2,3 with Disable by TTL Input
Current Limit Protection at Each Output
Thermal Shut Down
TYPICAL APPLICATION
7632
1
2
3
4
5
6
7
8
9
10
V1
IN
V2
IN
Active
Disable
"H"
Cd
GND
RESET
10K
Vsys
Contorl
Output 2
Output 1
Output3
0.5Amp
The F
F
0.5Amp
Fixed Multi-output Positive Voltage Regulator


Similar Part No. - F7632

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
F7630 FCI-F7630 Datasheet
544Kb / 5P
Fixed Multi-output Positive Voltage Regulator
logo
Integrated Technology F...
F7631 ITF-F7631 Datasheet
166Kb / 7P
SAW Bandpass Filter F7631
2011-11-01
logo
First Components Intern...
F7631 FCI-F7631 Datasheet
223Kb / 5P
0.5Amp Fixed Multi-output Positive Voltage Regulator
More results

Similar Description - F7632

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7630 FAIRCHILD-KA7630 Datasheet
71Kb / 6P
Fixed Multi-Output Regulator
KA7632 FAIRCHILD-KA7632 Datasheet
102Kb / 8P
Fixed Multi-output Regulator
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A Datasheet
96Kb / 7P
POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM7630 ETC-GM7630 Datasheet
110Kb / 5P
FIXED MULTI - OUTPUT REGULATOR
logo
Gamma Microelectronics ...
GM7630 GAMMA-GM7630_05 Datasheet
177Kb / 6P
FIXED MULTI-OUTPUT REGULATOR
GM7631 GAMMA-GM7631 Datasheet
176Kb / 6P
FIXED MULTI-OUTPUT REGULATOR
GM7632 GAMMA-GM7632 Datasheet
147Kb / 8P
FIXED MULTI - OUTPUT REGULATOR
logo
Fairchild Semiconductor
KA7630TS FAIRCHILD-KA7630TS Datasheet
76Kb / 6P
Fixed Multi-Output Regulator
logo
First Components Intern...
F7630 FCI-F7630 Datasheet
544Kb / 5P
Fixed Multi-output Positive Voltage Regulator
F7631 FCI-F7631 Datasheet
223Kb / 5P
0.5Amp Fixed Multi-output Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com