Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 74 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 74 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 70Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 71Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 72Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 73Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 74Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 75Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 76Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 77Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 78Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
DMAC
74
Single-chip mode
Memory expansion mode
Transfer unit
Bus width
Access address
Microprocessor mode
No. of read
No. of write
No. of read No. of write
cycles
cycles
cycles
cycles
16-bit
Even
1
1
1
1
8-bit transfers
(BYTE= “L”)
Odd
1
1
1
1
(DMBIT= “1”)
8-bit
Even
—
—
1
1
(BYTE = “H”)
Odd
—
—
1
1
16-bit
Even
1
1
1
1
16-bit transfers
(BYTE = “L”)
Odd
2
2
2
2
(DMBIT= “0”)
8-bit
Even
—
—
2
2
(BYTE = “H”)
Odd
—
—
2
2
Table 1.13.2. No. of DMAC transfer cycles
Internal memory
External memory
Internal ROM/RAM
Internal ROM/RAM
SFR area
Separate bus
Separate bus
Multiplex
No wait
With wait
No wait
With wait
bus
12
2
1
2
3
Coefficient j, k
(2) DMAC transfer cycles
Any combination of even or odd transfer read and write addresses is possible. Table 1.13.2 shows the
number of DMAC transfer cycles.
The number of DMAC transfer cycles can be calculated as follows:
No. of transfer cycles per transfer unit = No. of read cycles x j + No. of write cycles x k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com