Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 99 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 99 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 95Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 96Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 97Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 98Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 99Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 100Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 101Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 102Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 103Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timers’ functions for three-phase motor control
99
Figure 1.15.5 shows the block diagram for three-phase PWM output mode. In three-phase PWM output
___
mode, the positive-phase waveforms (U phase, V phase, and W phase) and negative waveforms (U
___
___
phase, V phase, and W phase), six waveforms in total, are output from P80, P81, P72, P73, P74, and P75
___
as active on the “L” level. Of the timers used in this mode, timer A4 controls the U phase and U phase,
___
___
timer A1 controls the V phase and V phase, and timer A2 controls the W phase and W phase respectively;
timer B2 controls the periods of one-shot pulse output from timers A4, A1, and A2.
In outputting a waveform, dead time can be set so as to cause the “L” level of the positive waveform
___
output (U phase, V phase, and W phase) not to lap over the “L” level of the negative waveform output (U
___
___
phase, V phase, and W phase).
To set short circuit time, use three 8-bit timers sharing the reload register for setting dead time. A value
from 1 through 255 can be set as the count of the timer for setting dead time. The timer for setting dead
time works as a one-shot timer. If a value is written to the dead time timer (034C16), the value is written to
the reload register shared by the three timers for setting dead time.
Any of the timers for setting dead time takes the value of the reload register into its counter, if a start
trigger comes from its corresponding timer, and performs a down count in line with the clock source
selected by the dead time timer count source select bit (bit 2 at 034916). The timer can receive another
trigger again before the workings due to the previous trigger are completed. In this instance, the timer
performs a down count from the reload register’s content after its transfer, provoked by the trigger, to the
timer for setting dead time.
Since the timer for setting dead time works as a one-shot timer, it starts outputting pulses if a trigger
comes; it stops outputting pulses as soon as its content becomes 0016, and waits for the next trigger to
come.
___
___
The positive waveforms (U phase, V phase, and W phase) and the negative waveforms (U phase, V
___
phase, and W phase) in three-phase PWM output mode are output from respective ports by means of
setting “1” in the output control bit (bit 3 at 034816). Setting “0” in this bit causes the ports to be the state
of set by port direction register. This bit can be set to “0” not only by use of the applicable instruction, but
_______
by entering a falling edge in the NMI terminal or by resetting. Also, if “1” is set in the positive and negative
phases concurrent L output disable function enable bit (bit 4 at 034816) causes one of the pairs of U
___
___
___
phase and U phase, V phase and V phase, and W phase and W phase concurrently go to “L”, as a result,
the port becomes the state of set by port direction register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com