Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 148 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 148 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 144Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 145Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 146Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 147Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 148Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 149Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 150Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 151Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 152Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
A-D Converter
148
Item
Performance
Method of A-D conversion Successive approximation (capacitive coupling amplifier)
Analog input voltage (Note 1) 0V to AVCC (VCC)
Operating clock
φAD (Note 2) VCC = 5V
fAD/divide-by-2 of fAD/divide-by-4 of fAD, fAD=f(XIN)
VCC = 3V
divide-by-2 of fAD/divide-by-4 of fAD, fAD=f(XIN)
Resolution
8-bit or 10-bit (selectable)
Absolute precision
VCC = 5V
• Without sample and hold function
±3LSB
• With sample and hold function (8-bit resolution)
±2LSB
• With sample and hold function (10-bit resolution)
AN0 to AN7 input :
±3LSB
ANEX0 and ANEX1 input (including mode in which external
operation amp is connected) :
±7LSB
VCC = 3V
• Without sample and hold function (8-bit resolution)
±2LSB
Operating modes
One-shot mode, repeat mode, single sweep mode, repeat sweep mode 0,
and repeat sweep mode 1
Analog input pins
8pins (AN0 to AN7) + 2pins (ANEX0 and ANEX1)
A-D conversion start condition • Software trigger
A-D conversion starts when the A-D conversion start flag changes to “1”
• External trigger (can be retriggered)
A-D conversion starts when the A-D conversion start flag is “1” and the
___________
ADTRG/P97 input changes from “H” to “L”
Conversion speed per pin • Without sample and hold function
8-bit resolution: 49
φAD cycles, 10-bit resolution: 59 φAD cycles
• With sample and hold function
8-bit resolution: 28
φAD cycles, 10-bit resolution: 33 φAD cycles
A-D Converter
The A-D converter consists of one 10-bit successive approximation A-D converter circuit with a capacitive coupling
amplifier. Pins P100 to P107, P95, and P96 also function as the analog signal input pins. The direction registers of
these pins for A-D conversion must therefore be set to input. The Vref connect bit (bit 5 at address 03D716) can be
used to isolate the resistance ladder of the A-D converter from the reference voltage input pin (VREF) when the A-D
converter is not used. Doing so stops any current flowing into the resistance ladder from VREF, reducing the power
dissipation. When using the A-D converter, start A-D conversion only after setting bit 5 of 03D716 to connect VREF.
The result of A-D conversion is stored in the A-D registers of the selected pins. When set to 10-bit precision, the low
8 bits are stored in the even addresses and the high 2 bits in the odd addresses. When set to 8-bit precision, the low
8 bits are stored in the even addresses.
Table 1.17.1 shows the performance of the A-D converter. Figure 1.17.1 shows the block diagram of the
A-D converter, and Figures 1.17.2 and 1.17.3 show the A-D converter-related registers.
Note 1: Does not depend on use of sample and hold function.
Note 2: Divide the frequency if f(XIN) exceeds 10MHZ, and make
φAD frequency equal to or less than 10MHz.
Without sample and hold function, set the
φAD frequency to 250kHZ min.
With the sample and hold function, set the
φAD frequency to 1MHZ min.
Table 1.17.1. Performance of A-D converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com