Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 158 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 158 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 154Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 155Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 156Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 157Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 158Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 159Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 160Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 161Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 162Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
D-A Converter
158
D-A Converter
This is an 8-bit, R-2R type D-A converter. The microcomputer contains two independent D-A converters of
this type.
D-A conversion is performed when a value is written to the corresponding D-A register. Bits 0 and 1 (D-A
output enable bits) of the D-A control register decide if the result of conversion is to be output. Do not set the
target port to output mode if D-A conversion is to be performed. When the D-A output is enabled, the pull-
up function of the corresponding port is automatically disabled.
Output analog voltage (V) is determined by a set value (n : decimal) in the D-A register.
V = VREF X n/ 256 (n = 0 to 255)
VREF : reference voltage
Table 1.18.1 lists the performance of the D-A converter. Figure 1.18.1 shows the block diagram of the D-A
converter. Figure 1.18.2 shows the D-A control register. Figure 1.18.3 shows the D-A converter equivalent
circuit.
Item
Performance
Conversion method
R-2R method
Resolution
8 bits
Analog output pin
2 channels
Table 1.18.1. Performance of D-A converter
P93/DA0
P94/DA1
Data bus low-order bits
D-A register 0 (8)
R-2R resistor ladder
D-A0 output enable bit
D-A register 1 (8)
R-2R resistor ladder
D-A1 output enable bit
(Address 03D816)
(Address 03DA16)
Figure 1.18.1. Block diagram of D-A converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com