Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73861 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP73861
Description  Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73861 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP73861 Datasheet HTML 17Page - Microchip Technology MCP73861 Datasheet HTML 18Page - Microchip Technology MCP73861 Datasheet HTML 19Page - Microchip Technology MCP73861 Datasheet HTML 20Page - Microchip Technology MCP73861 Datasheet HTML 21Page - Microchip Technology MCP73861 Datasheet HTML 22Page - Microchip Technology MCP73861 Datasheet HTML 23Page - Microchip Technology MCP73861 Datasheet HTML 24Page - Microchip Technology MCP73861 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
 2004 Microchip Technology Inc.
DS21893A-page 21
MCP73861/2
16-Lead Plastic Quad Flat No Lead Package (ML) 4x4x0.9 mm Body (QFN) – Saw Singulated
2
1
n
D
E
E1
D1
e
b
L
A
A1
A3
EXPOSED
METAL
PAD
OPTIONAL
INDEX
AREA
Contact Width
*Controlling Parameter
Drawing No. C04-127
Notes:
JEDEC equivalent: MO-220
b
.010
.012
.014
0.25
0.30
0.35
Pitch
Number of Pins
Overall Width
Standoff
Overall Length
Overall Height
MAX
Units
Dimension Limits
A1
D
E
n
e
A
.000
INCHES
.026 BSC
MIN
16
NOM
MAX
.002
0.00
4.00
MILLIMETERS*
.039
MIN
16
0.65 BSC
NOM
0.05
1.00
0.90
.035
.001
0.02
Contact Length
L
.012
.016
.020
0.30
0.40
0.50
E2
D2
Exposed Pad Width
Exposed Pad Length
.100
.106
.110
2.55
2.70
2.80
.031
0.80
3.85
4.15
.163
.157
.152
.152
.157
4.00
.163
3.85
4.15
.100
.106
2.70
.110
2.55
2.80
Revised 04-24-05
Contact Thickness
A3
.008 REF
0.20 REF
TOP VIEW
BOTTOM VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com