Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH182FN103CK Datasheet(PDF) 3 Page - Rohm

Part # MCH182FN103CK
Description  1608(0603)Size chip capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH182FN103CK Datasheet(HTML) 3 Page - Rohm

  MCH182FN103CK Datasheet HTML 1Page - Rohm MCH182FN103CK Datasheet HTML 2Page - Rohm MCH182FN103CK Datasheet HTML 3Page - Rohm MCH182FN103CK Datasheet HTML 4Page - Rohm MCH182FN103CK Datasheet HTML 5Page - Rohm MCH182FN103CK Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MCH03 Series, MCH15 Series, MCH18 Series, MCH21 Series, MCH31 Series,
MCH32 Series, MCH43 Series, MCH55 Series
Characteristics
Packing specification
A(CG)
(C0G)
(CH)Characteristics
CN(R)
(B)
(X5R)
(X7R)Characteristics
FN(F)
(Y5V)Characteristics
MCH03
MCH15
MCH18
MCH21
MCH31
MCH32
MCH43
MCH55
C
E
D
H
F
A
B
φJ
t
t1
(Paper taping)
Pull direction
(Paper taping)
Pull direction
(Paper taping)
Pull direction
(Paper taping)
Pull direction
(Paper taping)
Pull direction
(Paper taping)
Pull direction
(Paper taping)
Pull direction
(Paper taping)
Pull direction
MCH03
Code
A
B
C
D
E
F
H
J
t
t1
C
E
D
H
F
A
B
φJ
t
t1
C
E
D
H
G
F
A
B
φJ
t
t1
C
E
D
H
G
F
A
B
φJ
t
+0.1
0
0.37
±0.03
0.67
±0.03
8.0
±0.2
3.5
±0.05
1.75
±0.1
2.0
±0.05
4.0
±0.1
φ1.5
0.42
±0.02
0.5
MAX
MCH18
Code
A
B
C
D
E
F
H
J
t
t1
+0.1
0
1.0
±0.05
1.8
±0.05
8.0
±0.3
3.5
±0.05
1.75
±0.1
4.0
±0.1
G
2.0
±0.05
4.0
±0.1
φ1.5
1.05
MAX.
1.2
MAX.
MCH21
Code
A
B
C
D
E
F
H
J
t
Paper
Pulastic
t
+0.1
0
1.5
±0.2
2.3
±0.2
8.0
±0.3
3.5
±0.05
1.75
±0.1
4.0
±0.1
G
2.0
±0.05
4.0
±0.1
φ1.5
1.1
MAX.
0.3
MAX.
t1
2.5
MAX.
MCH31
Code
A
B
C
D
E
F
H
J
t
Paper
Pulastic
t
+0.1
0
1.9
±0.2
3.5
±0.2
8.0
±0.3
3.5
±0.05
1.75
±0.1
4.0
±0.1
G
2.0
±0.05
4.0
±0.1
φ1.5
1.1
MAX.
0.3
MAX.
t1
2.5
MAX.
MCH32
Code
A
B
C
D
E
F
H
J
Pulastic
t
+0.1
0
2.9
3.6
8.0
±0.3
(12.0
±0.3)
3.5
±0.05
(5.0
±0.03)
1.75
±0.1
4.0
±0.1
G
2.0
±0.05
4.0
±0.1
φ1.5
0.6
MAX.
t1
2.5MAX.
(6.5MAX.)
MCH43
Code
A
B
C
D
E
F
H
J
Pulastic
t
+0.1
0
3.6
4.9
12.0
±0.3
5.5
±0.05
1.75
±0.1
8.0
±0.1
G
2.0
±0.05
4.0
±0.1
φ1.5
0.6
MAX.
t1
6.5
MAX.
MCH55
Code
A
B
C
D
E
F
H
J
Pulastic
t
+0.1
0
5.4
6.1
12.0
±0.3
5.5
±0.05
1.75
±0.1
8.0
±0.1
G
2.0
±0.05
4.0
±0.1
φ1.5
0.6
MAX.
t1
6.5
MAX.
MCH15
Code
A
B
C
D
E
F
H
J
t
t1
+0.1
0
0.65
±0.05
1.15
±0.05
8.0
±0.2
3.5
±0.05
1.75
±0.1
2.0
±0.05
4.0
±0.1
φ1.5
0.7
±0.05
0.8
MAX
MCH15:100pF
0.001
0.01
0.1
1
10
100
1000
10000
100
10
1
1000
MCH15:10pF
MCH15:1pF
10000
MCH18:100pF
MCH18:1pF
MCH18:10pF
MCH03:10pF
0.1
0.001
0.01
1
10
100
1000
10000
1
100
10
1000
MCH15:10,000pF
MCH15:1,000pF
MCH03:1,000pF
10000
MCH18:10,000pF
MCH18:100,000pF
MCH18:1,000pF
0.001
0.01
0.1
1
10
100
1000
10000
1
100
10
1000
MCH15:10,000pF
MCH15:100,000pF
MCH15:1,000pF
10000
MCH18:10,000pF
MCH18:100,000pF
MCH18:1,000pF
6
8
4
2
0
-2
-4
-6
-80
-40
0
40
80
120
160
Temperature (
℃)
Frequency(Hz)
Frequency (MHz)
30
20
10
0
-10
-20
-30
5
10
-80
-40
0
40
80
120
160
Temperature (
℃)
20
10
0
-10
-20
-30
-40
-50
-60
-70
-80
10
20
30
40
50
60
-80
-40
0
40
80
120
160
Temperature (
℃)
Frequency (MHz)
Frequency (MHz)
Frequency(Hz)
Frequency(Hz)
MCH21 10,000pF
MCH21 1μF
MCH32 100,000pF
MCH32 22μF
MCH31 10,000pF
MCH31 10μF
MCH31 10μF
100
10
1
0.1
0.01
0.001
100
10
1
0.1
0.01
0.001
100
10
1
0.1
0.01
0.001
1
10
10
100
1000
10000
10
100
1000
10000
100
1000
MCH21 1μF
MCH32 47μF
t
t1
C
E
D
H
G
F
A
B
φJ
t
t
t1
C
E
D
H
G
F
A
B
φJ
t
()内は製品厚みの2.5mmに適用
t
t1
C
E
D
H
G
F
A
B
φJ
t
t
t1
C
E
D
H
G
F
A
B
φJ
t
t
t1
Carrier tape dimensions (Unit:mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com