Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH182FN103CK Datasheet(PDF) 5 Page - Rohm

Part # MCH182FN103CK
Description  1608(0603)Size chip capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH182FN103CK Datasheet(HTML) 5 Page - Rohm

  MCH182FN103CK Datasheet HTML 1Page - Rohm MCH182FN103CK Datasheet HTML 2Page - Rohm MCH182FN103CK Datasheet HTML 3Page - Rohm MCH182FN103CK Datasheet HTML 4Page - Rohm MCH182FN103CK Datasheet HTML 5Page - Rohm MCH182FN103CK Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
φ180mm Plastic reel
φ330mm Plastic reel
E
I
A
JE
T
-
7
2
0
1
Ac
o
m
p
l
i
a
n
t
11.4
±1.0
Label position
Label position
13.5
±1.0
12
Slider
Shutter
36
110
Multi-layer Ceramic
Chip Capacitors
2004
MCH03 Series 0603(0201)Size
MCH15 Series 1005(0402)Size
MCH18 Series 1608(0603)Size
MCH21 Series 2012(0805)Size
MCH31 Series 3216(1206)Size
MCH32 Series 3225(1210)Size
MCH43 Series 4532(1812)Size
MCH55 Series 5750(2220)Size
Packing specification
Reel dimensions (Unit:mm)
Bulk case dimensions (Unit:mm)
For fundamental considerations on capacitors, refe to Electric Industries Association of Japan, technical report,
"EIAJ RCR-2333,Guideline of notabilia for fixed multilayer ceramic capacitors for use in electronic equipment".
MCH03
MCH15
MCH18
MCH21
MCH31
MCH32
MCH43
MCH55
MCH15
MCH18
MCH15
MCH18



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com