Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT2 Datasheet(PDF) 1 Page - Texas Instruments

Part # MCT2
Description  OPTOCOUPLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT2 Datasheet(HTML) 1 Page - Texas Instruments

  MCT2 Datasheet HTML 1Page - Texas Instruments MCT2 Datasheet HTML 2Page - Texas Instruments MCT2 Datasheet HTML 3Page - Texas Instruments MCT2 Datasheet HTML 4Page - Texas Instruments MCT2 Datasheet HTML 5Page - Texas Instruments MCT2 Datasheet HTML 6Page - Texas Instruments MCT2 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MCT2, MCT2E
OPTOCOUPLERS
SOES023 – MARCH 1983 – REVISED OCTOBER 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
COMPATIBLE WITH STANDARD TTL INTEGRATED CIRCUITS
D Gallium Arsenide Diode Infrared Source
Optically Coupled to a Silicon npn
Phototransistor
D High Direct-Current Transfer Ratio
D Base Lead Provided for Conventional
Transistor Biasing
D High-Voltage Electrical Isolation . . .
1.5-kV, or 3.55-kV Rating
D Plastic Dual-In-Line Package
D High-Speed Switching:
tr = 5 µs, tf = 5 µs Typical
D Designed to be Interchangeable with
General Instruments MCT2 and MCT2E
absolute maximum ratings at 25
°C free-air temperature (unless otherwise noted)†
Input-to-output voltage: MCT2
± 1.5 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MCT2E
± 3.55 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector-base voltage
70 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector-emitter voltage (see Note 1)
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter-collector voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter-base voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input-diode reverse voltage
3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input-diode continuous forward current
60 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input-diode peak forward current (tw ≤ 1 ns, PRF ≤ 300 Hz)
3 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation at (or below) 25
°C free-air temperature:
Infrared-emitting diode (see Note 2)
200 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phototransistor (see Note 2)
200 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total, infrared-emitting diode plus phototransistor (see Note 3)
250 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–55
°C to 100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. This value applies when the base-emitter diode is open-circulated.
2. Derate linearly to 100
°C free-air temperature at the rate of 2.67 mW/°C.
3. Derate linearly to 100
°C free-air temperature at the rate of 3.33 mW/°C.
Copyright
 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
6
5
4
ANODE
CATHODE
NC
BASE
COLLECTOR
EMITTER
MCT2 OR MCT2E ...PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - MCT2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
6-Pin DIP Optoisolators Transistor Output
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
PHOTOTRANSISTOR OPTOCOUPLERS
logo
Infineon Technologies A...
MCT2 INFINEON-MCT2 Datasheet
408Kb / 6P
Industry Standard Single Channel 6 Pin DIP Optocoupler
March 27, 2000-00
logo
ISOCOM COMPONENTS
MCT2 ISOCOM-MCT2 Datasheet
63Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results

Similar Description - MCT2

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLERS
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLERS
logo
Infineon Technologies A...
SFH61-62XX INFINEON-SFH61-62XX Datasheet
84Kb / 1P
Optocouplers
May 31, 2000-10
logo
Silonex Inc.
NSL-32H-100 SILONEX-NSL-32H-100 Datasheet
207Kb / 1P
OPTOCOUPLERS
logo
Texas Instruments
TIL118-1 TI-TIL118-1 Datasheet
223Kb / 4P
OPTOCOUPLERS
TIL127 TI-TIL127 Datasheet
235Kb / 6P
OPTOCOUPLERS
TIL153 TI-TIL153 Datasheet
283Kb / 8P
OPTOCOUPLERS
TIL124 TI-TIL124 Datasheet
632Kb / 8P
OPTOCOUPLERS
logo
Silonex Inc.
NSL-26 SILONEX-NSL-26 Datasheet
18Kb / 1P
Optocouplers
logo
New Jersey Semi-Conduct...
TIL102 NJSEMI-TIL102 Datasheet
84Kb / 2P
OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com