Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT2 Datasheet(PDF) 2 Page - Texas Instruments

Part # MCT2
Description  OPTOCOUPLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT2 Datasheet(HTML) 2 Page - Texas Instruments

  MCT2 Datasheet HTML 1Page - Texas Instruments MCT2 Datasheet HTML 2Page - Texas Instruments MCT2 Datasheet HTML 3Page - Texas Instruments MCT2 Datasheet HTML 4Page - Texas Instruments MCT2 Datasheet HTML 5Page - Texas Instruments MCT2 Datasheet HTML 6Page - Texas Instruments MCT2 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MCT2, MCT2E
OPTOCOUPLERS
SOES023 – MARCH 1983 – REVISED OCTOBER 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at 25
°C free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CBO
Collector-base breakdown voltage
IC = 10 µA,
IE = 0,
IF = 0
70
V
V(BR)CEO
Collector-emitter breakdown voltage
IC =1 mA,
IB = 0,
IF = 0
30
V
V(BRECO)
Emitter-collector breakdown voltage
IE = 100 µA,
IB = 0,
IF = 0
7
V
IR
Input diode static reverse current
VR = 3 V
10
µA
IC(on)
On-state collector current
Phototransistor
operation
VCE = 10 V,
IB = 0,
IF = 10 mA
2
5
mA
C(on)
Photodiode operation
VCB = 10 V,
IE = 0,
IF = 10 mA
20
µA
IC(off)
Off-state collector current
Phototransistor
operation
VCE = 10 V,
IB = 0,
IF = 0
1
50
nA
C(off)
Photodiode operation
VCB = 10 V,
IE = 0,
IF = 0
0.1
20
nA
HFE
Transistor static forward current transfer ratio
VCE = 5 V,
IC 100 µA
MCT2
250
HFE
Transistor static forward current transfer ratio
IC = 100 µA,
IF = 0
MCT2E
100
300
VF
Input diode static forward voltage
IF = 20 mA
1.25
1.5
V
VCE(sat)
Collector-emitter saturation voltage
IC = 2 mA,
IB = 0,
IF = 16 mA
0.25
4
V
rIO
Input-to-output internal resistance
Vin-out = ±1.5 kV for MCT2,
±3.55 kV for MCT2E,
See Note 4
1011
Ω
Cio
Input-to-output capacitance
Vin-out = 0,
See Note 4
f = 1 MHz,
1
pF
NOTE 4: These parameters are measured between both input diode leads shorted together and all the phototransistor leads shorted together.
switching characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time
Phototransistor operation
VCC = 10 V, IC(on) = 2 mA,
5
µs
tf
Fall time
Phototransistor operation
CC
,
RL = 100 Ω,
C(on)
,
See Test Circuit A of Figure 1
5
µs
tr
Rise time
Photodiode operation
VCC = 10 V, IC(on) 20 µA,
1
µs
tf
Fall time
Photodiode operation
CC
RL = 1 kΩ,
C(on)
µ
See Test Circuit B of Figure 1
1
µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com