Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB0FS12A Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # STB0FS12A
Description  STB0FS12A - Mid-Power LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STB0FS12A Datasheet(HTML) 1 Page - Seoul Semiconductor

  STB0FS12A Datasheet HTML 1Page - Seoul Semiconductor STB0FS12A Datasheet HTML 2Page - Seoul Semiconductor STB0FS12A Datasheet HTML 3Page - Seoul Semiconductor STB0FS12A Datasheet HTML 4Page - Seoul Semiconductor STB0FS12A Datasheet HTML 5Page - Seoul Semiconductor STB0FS12A Datasheet HTML 6Page - Seoul Semiconductor STB0FS12A Datasheet HTML 7Page - Seoul Semiconductor STB0FS12A Datasheet HTML 8Page - Seoul Semiconductor STB0FS12A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Product Data Sheet
Product Brief
Description
Key Applications
Features and Benefits
www.seoulsemicon.com
1
Rev.00, March 1, 2014
STB0FS12A - Mid-Power LED
Achieving the best system cost in Mid/High Power
STB0FS12A
Mid Power LED
– 2525 series
•
General lighting
•
Interior lighting
•
Architectural / Decorative lighting
•
Indoor and Outdoor displays
Part Number
Dominant Wavelength [nm]
Color
Min.
Typ.
Max.
STB0FS12A
Blue
450
-
460
Table 1. Product Selection Table
•
High flux output and high luminance
•
Mid to High Power package
•
Designed for Heat-free phosphor
system
•
Compact size package
•
SMT solderable
•
RoHS compliant
RoHS
•
The package has a substrate made up
of a flexible film and Cu material
•
It incorporates state of the art SMD
design and low thermal resistant
material
•
It is an ideal light source for Heat-free
phosphor system due to high optical
output by dome lens
•
The package design coupled with
careful selection of component
materials allow these products to
perform with high reliability


Similar Part No. - STB0FS12A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STB0FS12A SEOUL-STB0FS12A Datasheet
984Kb / 20P
High flux output and high luminance
More results

Similar Description - STB0FS12A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW8A12D SEOUL-STW8A12D Datasheet
1Mb / 26P
Mid-Power LED
logo
Everlight Electronics C...
EAHP2835BA1 EVERLIGHT-EAHP2835BA1 Datasheet
434Kb / 10P
MID Power LED
EAHP2835RA0 EVERLIGHT-EAHP2835RA0 Datasheet
461Kb / 10P
MID Power LED
logo
Luminus, Inc
MP-3014-2100 LUMINUS-MP-3014-2100 Datasheet
810Kb / 15P
Mid Power LED
MP-3020-2100-27-80 LUMINUS-MP-3020-2100-27-80 Datasheet
1Mb / 14P
Mid Power LED
logo
Seoul Semiconductor
SAW9A62E-E2 SEOUL-SAW9A62E-E2 Datasheet
1Mb / 31P
Mid-Power LED
SAW8A62E-E2 SEOUL-SAW8A62E-E2 Datasheet
1Mb / 31P
Mid-Power LED
SAW8A32E-E2 SEOUL-SAW8A32E-E2 Datasheet
1Mb / 31P
Mid-Power LED
STB0A12D SEOUL-STB0A12D Datasheet
877Kb / 19P
Mid-Power LED
STW9A12D-E1 SEOUL-STW9A12D-E1 Datasheet
1Mb / 31P
Mid-Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com