Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB0FS12A Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # STB0FS12A
Description  STB0FS12A - Mid-Power LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STB0FS12A Datasheet(HTML) 3 Page - Seoul Semiconductor

  STB0FS12A Datasheet HTML 1Page - Seoul Semiconductor STB0FS12A Datasheet HTML 2Page - Seoul Semiconductor STB0FS12A Datasheet HTML 3Page - Seoul Semiconductor STB0FS12A Datasheet HTML 4Page - Seoul Semiconductor STB0FS12A Datasheet HTML 5Page - Seoul Semiconductor STB0FS12A Datasheet HTML 6Page - Seoul Semiconductor STB0FS12A Datasheet HTML 7Page - Seoul Semiconductor STB0FS12A Datasheet HTML 8Page - Seoul Semiconductor STB0FS12A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.seoulsemicon.com
Product Data Sheet
STB0FS12A - Mid-Power LED
3
Rev.00, March 1, 2014
Performance Characteristics
Table 2. Characteristics, I
F=150mA, Ta=25ºC, RH30%
Table 3. Absolute Maximum Ratings
Notes :
(1) 2Θ
1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
(2) Thermal resistance is junction to T
S point (Refer to page 12).
•
Calculated performance values are for reference only.
•
All measurements were made under the standardized environment of SSC.
Parameter
Symbol
Value
Unit
Forward Current
I
F
300
mA
Power Dissipation
P
D
1.1
W
Junction Temperature
T
j
125
ºC
Operating Temperature
T
opr
-30 ~ + 100
ºC
Storage Temperature
T
stg
-40 ~ + 100
ºC
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
I
F
-
150
-
mA
Forward Voltage
V
F
-
3.2
-
V
Radiant Power
-
-
260
-
mW
Dominant Wavelength
λ
dom
450
-
460
nm
Viewing Angle [1]
2
Θ
1/2
-
140
-
Deg.
Junction Temperature
T
j
-
-
125
ºC
Storage Temperature
T
stg
- 40
-
+ 100
ºC
Thermal resistance (J to S) [2]
Rθ
j-s
-
17
-
℃/W
ESD Sensitivity(HBM)
-
5k
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com