Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF430 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MF430
Description  Datacom, Telecom, General Purpose LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MF430 Datasheet(HTML) 1 Page - STMicroelectronics

  MF430 Datasheet HTML 1Page - STMicroelectronics MF430 Datasheet HTML 2Page - STMicroelectronics MF430 Datasheet HTML 3Page - STMicroelectronics MF430 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6
Ordering Information
PART #
RECEPTACLE
MF430 ST
ST
-40°C to +85°C
Applications
Ethernet 10 or 100Mbps
Token Ring
Fibre Channel 266Mbps
Short Wavelength FDDI
Short Wavelength ATM-
SDH/SONET 155Mbps
Intra-Office Telecom
General Purpose
Features
865nm Surface-Emitting LED
250MHz Bandwidth
Designed for 62.5/125µm Fiber
Aligned in ST® Receptacle
MTTF >1,000,000 hours
Description
This high performance LED
has been designed for Datacom,
Telecom or General Purpose
Applications. The short wave-
length LED allows cost-effective
links over short distances. This
very high speed device has an
actively aligned receptacle for
optimized coupling of power
to 62.5/125µm fiber. A Silicon
Photodiode is recommended
as Receiver for this LED.
DETECTOR
FIBER
MF430 LED
BOTTOM VIEW
ANODE
CATHODE
ST® is a registered trademark of Lucent
13323.11 1997-04-01
MF430 Datacom, Telecom, General Purpose LED
ST Assembly
MF430 ST
MF430 Functional Diagram


Similar Part No. - MF430

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MF431 MITEL-MF431 Datasheet
137Kb / 5P
Datacom, Telecom, General Purpose LED
MF431ST MITEL-MF431ST Datasheet
137Kb / 5P
Datacom, Telecom, General Purpose LED
MF432 MITEL-MF432 Datasheet
205Kb / 7P
Datacom, Telecom, General Purpose PIN Photodiodes
logo
Zarlink Semiconductor I...
MF432 ZARLINK-MF432 Datasheet
158Kb / 3P
High Performance PIN
MF432FC ZARLINK-MF432FC Datasheet
158Kb / 3P
High Performance PIN
More results

Similar Description - MF430

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A194 MITEL-1A194 Datasheet
196Kb / 10P
High-Performance LED(Datacom, General Purpose)
1A239 MITEL-1A239 Datasheet
193Kb / 10P
High-Performance LED(Datacom, General Purpose)
1A358 MITEL-1A358 Datasheet
190Kb / 10P
High-Performance PIN(Datacom, Telecom, General Purpose)
1A388 MITEL-1A388 Datasheet
182Kb / 9P
High-Performance LED(Datacom, Intra-Office Telecom)
1A466 MITEL-1A466 Datasheet
198Kb / 9P
Resonant Cavity LED(Datacom, General Purpose)
4D470 MITEL-4D470 Datasheet
73Kb / 3P
PIN Array(Parallel Datacom, Telecom)
8C443 MITEL-8C443 Datasheet
182Kb / 9P
PIN/Preamp(Datacom, Telecom)
MF431 MITEL-MF431 Datasheet
137Kb / 5P
Datacom, Telecom, General Purpose LED
MF432 MITEL-MF432 Datasheet
205Kb / 7P
Datacom, Telecom, General Purpose PIN Photodiodes
logo
M/A-COM Technology Solu...
SCW1301F-050FCR MA-COM-SCW1301F-050FCR Datasheet
195Kb / 2P
Telecom / Datacom Laser Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com