Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7302GS Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT7302GS
Description  Primary-Side-Regulation Dimmable LED Driver Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7302GS Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT7302GS Datasheet HTML 7Page - Richtek Technology Corporation RT7302GS Datasheet HTML 8Page - Richtek Technology Corporation RT7302GS Datasheet HTML 9Page - Richtek Technology Corporation RT7302GS Datasheet HTML 10Page - Richtek Technology Corporation RT7302GS Datasheet HTML 11Page - Richtek Technology Corporation RT7302GS Datasheet HTML 12Page - Richtek Technology Corporation RT7302GS Datasheet HTML 13Page - Richtek Technology Corporation RT7302GS Datasheet HTML 14Page - Richtek Technology Corporation RT7302GS Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT7302
13
DS7302-03 May 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Component
Range of Typical Value
(Tolerance < ±30%)
CVDD
10
F to 33F
CCOMP
1
F to 4.7F
10pF to 10nF (Dimming)
CMULT
1nF to 100nF (Non-dimming)
CZCD
10pF to 22pF
CCS
NC to 22pF
RHV
10k
 to 22k
RM1
6.8M
 to 8.2M
RM2
47k
 to 56k
RGP
10k
 to 22k
RG
10
 to 47
RAUX
10
 to 100
Table 2. Suggested Component Values Range
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
SOP-8 package, the thermal resistance,
θJA, is 206.9°C/
W on a standard JEDEC 51-3 two-layer thermal test board.
The maximum power dissipation at TA = 25
°C can be
calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (206.9°C/W) = 0.48W for
SOP-8 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 6 allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
Figure 6. Derating Curve of Maximum Power Dissipation
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
025
50
75
100
125
Ambient Temperature (°C)
Two-Layer PCB
Layout Considerations
Aproper PCB layout can abate unknown noise interference
and EMI issue in the switching power supply. Please refer
to the guidelines when designing a PCB layout for
switching power supply.
The current path(1) from input capacitor, transformer,
MOSFET, RCS return to input capacitor is a high
frequency current loop. The path(2) from GD pin,
MOSFET, RCS return to input capacitor is also a high
frequency current loop. They must be as short as
possible to decrease noise coupling and kept a space
to other low voltage traces, such as IC control circuit
paths, especially. Besides, the path(3) between
MOSFET ground(b) and IC ground(d) is recommended
to be as short as possible, too.
The path(4) from RCD snubber circuit to MOSFET is a
high switching loop. Keep it as small as possible.
The path(5) from input capacitor to HV pin is a high
voltage loop. Keep a space from path(5) to other low
voltage traces.
It is good for reducing noise, output ripple and EMI issue
to separate ground traces of input capacitor(a),
MOSFET(b), auxiliary winding(c) and IC control circuit(d).
Finally, connect them together on input capacitor
ground(a). The areas of these ground traces should be
kept large.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com