Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7302GS Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT7302GS
Description  Primary-Side-Regulation Dimmable LED Driver Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7302GS Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT7302GS Datasheet HTML 1Page - Richtek Technology Corporation RT7302GS Datasheet HTML 2Page - Richtek Technology Corporation RT7302GS Datasheet HTML 3Page - Richtek Technology Corporation RT7302GS Datasheet HTML 4Page - Richtek Technology Corporation RT7302GS Datasheet HTML 5Page - Richtek Technology Corporation RT7302GS Datasheet HTML 6Page - Richtek Technology Corporation RT7302GS Datasheet HTML 7Page - Richtek Technology Corporation RT7302GS Datasheet HTML 8Page - Richtek Technology Corporation RT7302GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT7302
3
DS7302-03 May 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Starter
Circuit
Output Diode
Short Circuit
Protection
COMP
Under
Voltage
Lockout
(16V/9V)
VDD Over
Voltage
Protection
ZCD
CS
GD
VDD
GND
HV Start-Up
Control
HV
PWM
Control
Logic
VCLAMP 13V
RGD
Gate
Driver
VDD OVP
PWM
+
-
+
-
Constant On-Time
Comparator
Current Limit
Comparator
VCS_CL
1V
Over
Temperature
Protection
OTP
Ramp
Generator
Constant Current Control
L : Open
H : Closed
+
-
Dimming
Comparator
VMULT_EN / VMULT_DS
150mV / 100mV
Valley
Detector
Clamping
Circuit
MULT
Output Over
Voltage
Protection
Leading
Edge
Blanking
Output OVP
ICS
VMULT
Feed-Forward
Compensation
VMULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com