Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9750 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9750
Description  6-A Smart Load Switch Battery Charger
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9750 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9750 Datasheet HTML 1Page - Richtek Technology Corporation RT9750 Datasheet HTML 2Page - Richtek Technology Corporation RT9750 Datasheet HTML 3Page - Richtek Technology Corporation RT9750 Datasheet HTML 4Page - Richtek Technology Corporation RT9750 Datasheet HTML 5Page - Richtek Technology Corporation RT9750 Datasheet HTML 6Page - Richtek Technology Corporation RT9750 Datasheet HTML 7Page - Richtek Technology Corporation RT9750 Datasheet HTML 8Page - Richtek Technology Corporation RT9750 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
RT9750
2
DS9750-01 June 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Pin Configuration
(TOP VIEW)
WL-CSP-42B 2.75x3.05 (BSC)
Below are recommended capacitor and inductor information
Pin
Description
Part Number
Package
Manufacturer
VBUS
1
F/25V
GRM185R61E105KA12
0603
muRata
VOUT
10
F/25V
GRM188R61E106MA73
0603
muRata
SRP / SRN
10m
1%
WMCS0805R010FSTA
0805
Wellcomp
BATP
BATN
1k
1%
WR04X1001FTL
0402
WAISIN
 
VOUT
VOUT
NC
NC
PMID
SCL
VOUT
TSVBUS VOUT
PMID
INT
SDA
PMID
VOUT
VOUT
TSBAT
EN
PMID
VOUT VOUT
GND
GND
VOUT
VOUT
PMID
VBUS
VBUS
VBUS
VBUS
VBUS
GND
GND
VOUT
VOUT
PMID
VBUS
BATN
BATP
VOUT
VOUT
PMID
VBUS
E6
D6
C6
B6
A6
E5
D5
C5
B5
A5
E4
D4
C4
B4
A4
E3
D3
C3
B3
A3
E2
D2
C2
B2
A2
E1
D1
C1
B1
A1
F6
F5
F4
F3
F2
F1
G6
G5
G4
G3
G2
G1
VOUT
VBUS
BATP
BATN
TSBAT
Battery
Pack
Host
TSVBUS
SCL
SDA
EN
GND
RT9750
INT
Adapter
1k ±1%
1k ±1%
A6, B6, C6,
D6, E6, F6, G6
A3, B3, C3, D3, E3, F3, G3,
A4, B4, C4, D4, E4, F4, G4
F2, E1, E2, F1
G1
G2
B2
D1
C1
B1
D2
C2
PMID
A5
B5
C5
D5
E5
F5
G5
Pull up
Pull up
Pull up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com