Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9750 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT9750
Description  6-A Smart Load Switch Battery Charger
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9750 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT9750 Datasheet HTML 17Page - Richtek Technology Corporation RT9750 Datasheet HTML 18Page - Richtek Technology Corporation RT9750 Datasheet HTML 19Page - Richtek Technology Corporation RT9750 Datasheet HTML 20Page - Richtek Technology Corporation RT9750 Datasheet HTML 21Page - Richtek Technology Corporation RT9750 Datasheet HTML 22Page - Richtek Technology Corporation RT9750 Datasheet HTML 23Page - Richtek Technology Corporation RT9750 Datasheet HTML 24Page - Richtek Technology Corporation RT9750 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
RT9750
21
DS9750-01 June 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Name
Function
Addr
Reset
PROT_DLY&OCP
PROT_DLY&OCP
0x09
0xA0
Bit
Mode
Name
Reset Value
Description
[7:4]
R/W
IOC_OCP<3:0>
1010
IOC_OCP (Input Over-Current Protection)
Offset : 0A
LSB<3:0> : 4A, 2A, 1A, 0.5A
Range Min : 0A (0b0000)
Range Max : 6.5A (0b1101)
Default : 5A (0b1010)
3
R/W
LOWCHG_ALM_EN
0
Enables LOWCHG_ALM in CHG mode
0 – Disable LOWCHG_ALM (default)
1 – Enable LOWCHG_ALM
2
R/W
LOWCHG_ALM
0
LOWCHG_ALM
0 – 100mA (default)
(0x15<4:0> = 00000, 0x16<7:0> = 00110010)
1 – 200mA
(0x15<4:0> = 00000, 0x16<7:0> = 01100100)
1
R/W
OCP_RES
0
Controls the response of the OCP event for IBUS.
0 – Blanking mode; the device will wait 50µs before the
battery switch is disabled and latched off (default)
1 – Hiccup mode; battery switch is disabled
instantaneously, and the device will attempt to turn on
the battery switch wait 250µs to check OCP and turn
off every 100ms, up to 7 times before latching off.
0
R/W
VBUS_OVP_DLY
0
Sets VBUS fault deglitch time
0 – 4
s deglitch time (default)
1 – 20
s deglitch time
 
Name
Function
Addr
Reset
VBUS_OVP
VBUS_OVP
0x0A
0x34
Bit
Mode
Name
Reset Value
Description
[6:0]
R/W
VBUS_OVP<6:0>
0110100
VBUS_OVP
Offset : 4.2V
LSB<6:0> : 1600mV, 800mV, 400mV, 200mV,
100mV, 50mV, 25mV
Range Min : 4.2V (0b0000000)
Range Max : 6.5V (0b1011100)
Default : 5.5V (0b0110100)
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com