Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9750WSC Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT9750WSC
Description  6-A Smart Load Switch Battery Charger
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9750WSC Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT9750WSC Datasheet HTML 22Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 23Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 24Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 25Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 26Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 27Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 28Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 29Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 30Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
RT9750
28
DS9750-01 June 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Name
Function
Addr
Reset
EVENT_STATUS_2
STATUS_2
0x25
0x00
Bit
Mode
Name
Reset Value
Description
7
R
LOWCHG_ALM_STATUS
0
Indicates if LOWCHG_ALM threshold is
reached.
0 – no LOWCHG_ALM (default)
1 – LOWCHG_ALM when CHG_EN and
IBUS < threshold
6
R
ADC_DONE_STATUS
0
Indicates if the ADC conversion is
complete for the requested parameters in
1-shot mode only (set from 0x07).
0 – Conversion not complete (default)
1 – Conversion complete
5
R
VDROP_ALM_STATUS
0
Indicates if VDROP_ALM threshold is
reached.
0 – no fault (default)
1 – VDROP_ALM fault
4
R
VDROP_OVP_STATUS
0
Indicates if VDROP_OVP threshold is
reached.
0 – no fault (default)
1 – VDROP_OVP fault
3
R
VBUS_INSERT_STATUS
0
Indicates if VBUS is detected
0 – no VBUS (default)
1 – VBUS inserted (VBUS > 2.8V)
2
R
BAT_INSERT_STATUS
0
Indicates if battery is detected (sensed
between BATP and BATN).
0 – no BAT (default)
1 – BAT inserted (VBAT > 2.0V)
1
R
TSHUT_STATUS
0
IC thermal shutdown fault indicator. (TDIE
> 125°C)
0 – Normal operation (default)
1 – Thermal shutdown
0
R
IOC_STATUS
0
Indicates if high current from VBUS to
VOUT has hit the internal threshold.
0 – no fault (default)
1 – High current fault
Name
Function
Addr
Reset
Control
Control
0x26
0x01
Bit
Mode
Name
Reset Value
Description
[3:0]
R/W
IREV_OCP
0001
IREV_OCP (Ron = 10m
)
Offset : 0A
LSB<3:0> : 4A (40mV), 2A (20mV), 1A
(10mV), 0.5A (5mV)
Range Min : 0A (0b0000)
Range Max : 4A (0b1000)
Default : 500Ma (0b0001)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com