Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9750WSC Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9750WSC
Description  6-A Smart Load Switch Battery Charger
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9750WSC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9750WSC Datasheet HTML 1Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 2Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 3Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 4Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 5Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 6Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 7Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 8Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
RT9750
®
DS9750-01 June 2017
www.richtek.com
1
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Marking Information
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
6-A Smart Load Switch Battery Charger
General Description
The RT9750 is a 6-A smart load switch battery charger,
which integrates an internal load switch with charge pump
control and 4-path constant current/constant voltage
regulation, a 5-way hardware protection, and a 8-Channel
12-bit analog-to-digital converter. The RT9750 provides the
accurate analog-to-digital converter for voltage/current
measurement by I2C serial interface to report the battery
charging parameters and 3-way software protection and
flags.
Features
Internal Load Switch with Charge Pump Control

Dual NFETs in a Back to Back Configuration

Internal Charge Pump Control
4-Path CC/CV Regulation

Input Current Regulation (ICR)

Output Voltage Regulation (OVR)

Battery Voltage Regulation (BVR)

Battery Current Regulation (BCR)
5-Way Hardware Protection

VBUS Over-Voltage Protection (VBUS_OVP)

Drop-Out Over-Voltage Protection (VDR_OVP)

Reverse Over-Current Protection (RE_OCP)

Junction Over-Temperature Protection (TJ_OTP)

Input Over-Current Protection (IOC_OCP)
8-Channel 12-bit ADC

High Accuracy of 12-bit Resolution

8-Channel for Voltage/Current Measurement

High Speed Data Rate for 8/16 Times Average
per Channel
3-Way Software Protection

Drop-Out Over-Voltage Protection Alarm
(VDR_ALM)

TS of the VBUS Over-Temperature Protection
(TBUS_OTP)

TS of the BAT Over-Temperature Protection
(TBAT_OTP)
Applications
Handheld Products
Portable Media Players
0T : Product Code
YMDNN : Date Code
0T YM
DNN
Package Type
WSC : WL-CSP-42B 2.75x3.05 (BSC)
RT9750


Similar Part No. - RT9750WSC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9758 RICHTEK-RT9758 Datasheet
1Mb / 61P
High Voltage Smart Cap Divider and Direct Charge Charger
May 2023
RT9758D RICHTEK-RT9758D Datasheet
1Mb / 60P
High Voltage Cap Divider Converter with Bypass Function
May 2024
RT9758WSC RICHTEK-RT9758WSC Datasheet
1Mb / 61P
High Voltage Smart Cap Divider and Direct Charge Charger
May 2023
More results

Similar Description - RT9750WSC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1759 LINER-LTC1759 Datasheet
362Kb / 28P
Smart Battery Charger
logo
Micrel Semiconductor
MIC94060 MICREL-MIC94060 Datasheet
53Kb / 6P
100m SC-70-6 Smart Load Switch
logo
Linear Technology
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
Smart Battery Charger Controller
LTC4101 LINER-LTC4101 Datasheet
296Kb / 28P
Smart Battery Charger Controller
LTC4100 LINER-LTC4100_09 Datasheet
252Kb / 30P
Smart Battery Charger Controller
logo
Analog Devices
ZSPM4121 AD-ZSPM4121 Datasheet
950Kb / 17P
Under-Voltage Load Switch for Smart Battery Management
logo
Linear Technology
LTC1759 LINER-LTC1759_15 Datasheet
300Kb / 28P
Smart Battery Charger
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
Smart Battery Charger Controller
LTC4100 LINER-LTC4100_15 Datasheet
325Kb / 30P
Smart Battery Charger Controller
logo
Renesas Technology Corp
ZSPM4121 RENESAS-ZSPM4121 Datasheet
577Kb / 17P
Under-Voltage Load Switch for Smart Battery Management
January 29, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com