Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9608 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC9608
Description  1:10 LVCMOS Zero Delay Clock Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9608 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC9608 Datasheet HTML 1Page - Motorola, Inc MPC9608 Datasheet HTML 2Page - Motorola, Inc MPC9608 Datasheet HTML 3Page - Motorola, Inc MPC9608 Datasheet HTML 4Page - Motorola, Inc MPC9608 Datasheet HTML 5Page - Motorola, Inc MPC9608 Datasheet HTML 6Page - Motorola, Inc MPC9608 Datasheet HTML 7Page - Motorola, Inc MPC9608 Datasheet HTML 8Page - Motorola, Inc MPC9608 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 2004
Order this document
by MPC9608
1:10 LVCMOS Zero Delay
Clock Buffer
The MPC9608 is a 3.3 V compatible, 1:10 PLL based zero-delay buffer. With a
very wide frequency range and low output skews the MPC9608 is targeted for
high performance and mid-range clock tree designs.
Features
• 1:10 outputs LVCMOS zero-delay buffer
• Single 3.3 V supply
• Supports a clock I/O frequency range of 12.5 to 200 MHz
• Selectable divide-by-two for one output bank
• Synchronous output enable control (CLK_STOP)
• Output tristate control (output high impedance)
• PLL bypass mode for low frequency system test purpose
• Supports networking, telecommunications and computer applications
• Supports a variety of microprocessors and controllers
• Compatible to PowerQuicc I and II
• Ambient Temperature Range -40
°C to +85°C
• 32-lead Pb-free package available
Functional Description
The MPC9608 uses an internal PLL and an external feedback path to lock its
low-skew clock output phase to the reference clock phase, providing virtually zero
propagation delay. This enables nested clock designs with near-zero insertion
delay. Designs using the MPC9608 as PLL fanout buffer will show significantly lower clock skew than clock distributions developed
from traditional fanout buffers. The device offers one reference clock input and two banks of 5 outputs for clock fanout. The input
frequency and phase is reproduced by the PLL and provided at the outputs. A selectable frequency divider sets the bank B outputs
to generate either an identical copy of the bank A clocks or one half of the bank A clock frequency. Both output banks remain syn-
chronized to the input reference for both bank B configurations.
Outputs are only disabled or enabled when the outputs are already in logic low state (CLK_STOP). For system test and diagnosis,
the MPC9608 outputs can also be set to high-impedance state by connecting OE to logic high level. Additionally, the device provides
a PLL bypass mode for low frequency test purpose. In PLL bypass mode, the minimum frequency and static phase offset specification
do not apply.
CLK_STOP and OE do not affect the PLL feedback output (QFB) and down stream clocks can be disabled without the internal PLL
losing lock.
The MPC9608 is fully 3.3 V compatible and requires no external components for the internal PLL. All inputs accept LVCMOS sig-
nals while the outputs provide LVCMOS compatible levels with the capability to drive terminated 50
Ω transmission lines on the inci-
dent edge. For series terminated transmission lines, each of the MPC9608 outputs can drive one or two traces giving the devices an
effective fanout of 1:20. The device is packaged in a 7x7 mm2 32-lead LQFP package.
FA SUFFIX
32-LEAD LQFP PACKAGE
CASE 873A
MPC9608
LOW VOLTAGE 3.3 V
LVCMOS 1:10 ZERO-DELAY
CLOCK BUFFER
AC SUFFIX
32 LEAD LQFP PACKAGE-Pb-free
CASE 873A
REV 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC9608

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9608 RENESAS-MPC9608 Datasheet
430Kb / 14P
1:10 LVCMOS Zero Delay Clock Buffer
2019
More results

Similar Description - MPC9608

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87972I ICST-ICS87972I Datasheet
150Kb / 14P
LOW SKEW, 1-TO-12 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A OCTOBER 18, 2002
ICS8752 ICST-ICS8752 Datasheet
139Kb / 15P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A AUGUST 19, 2002
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
Zero-Delay Clock Buffer
logo
Integrated Device Techn...
ICS8752 IDT-ICS8752 Datasheet
141Kb / 14P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS8752I IDT-ICS8752I Datasheet
118Kb / 14P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
86004-01 RENESAS-86004-01 Datasheet
155Kb / 12P
62.5MHz to 250MHz, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
January 21, 2016
86004 RENESAS-86004 Datasheet
419Kb / 14P
15.625MHZ TO 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
7/10/15
86004I RENESAS-86004I Datasheet
475Kb / 14P
15.625MHZ to 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
7/10/15
MPC9608 RENESAS-MPC9608 Datasheet
430Kb / 14P
1:10 LVCMOS Zero Delay Clock Buffer
2019
ICS8752I RENESAS-ICS8752I Datasheet
375Kb / 15P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
JULY 30, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com