Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTHD4P02F Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTHD4P02F
Description  Power MOSFET and Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHD4P02F Datasheet(HTML) 2 Page - ON Semiconductor

  NTHD4P02F Datasheet HTML 1Page - ON Semiconductor NTHD4P02F Datasheet HTML 2Page - ON Semiconductor NTHD4P02F Datasheet HTML 3Page - ON Semiconductor NTHD4P02F Datasheet HTML 4Page - ON Semiconductor NTHD4P02F Datasheet HTML 5Page - ON Semiconductor NTHD4P02F Datasheet HTML 6Page - ON Semiconductor NTHD4P02F Datasheet HTML 7Page - ON Semiconductor NTHD4P02F Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTHD4P02F
http://onsemi.com
2
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Units
Junction−to−Ambient (Note 1)
Steady State
T =25
°C
RqJA
110
°C/W
()
t
v 5 s
TJ = 25°C
qJA
60
1. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.27 in sq [1 oz] including traces).
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−20
−23
V
Zero Gate Voltage Drain Current
IDSS
VDS = −16 V, VGS = 0 V, TJ = 25°C
−1.0
mA
g
DSS
VDS = −16 V, VGS = 0 V, TJ = 85°C
−5.0
m
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±12 V
±100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −250 mA
−0.6
−0.75
−1.2
V
Drain−to−Source On− Resistance
RDS(on)
VGS = −4.5, ID = −2.2 A
0.130
0.155
W
DS(on)
VGS = −2.5, ID = −1.7 A
0.200
0.240
Forward Transconductance
gFS
VDS = −10 V, ID = −1.7 A
5.0
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
V
0V f
10MH
185
300
pF
Output Capacitance
COSS
VGS = 0 V, f = 1.0 MHz,
VDS =−10 V
95
150
Reverse Transfer Capacitance
CRSS
VDS = −10 V
30
50
Total Gate Charge
QG(TOT)
3.0
6.0
nC
Threshold Gate Charge
QG(TH)
VGS = −4.5 V, VDS = −10 V,
0.2
Gate−to−Source Charge
QGS
VGS = −4.5 V, VDS = −10 V,
ID = −2.2 A
0.5
Gate−to−Drain Charge
QGD
0.9
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(ON)
7.0
12
ns
Rise Time
tr
VGS = −4.5 V, VDD = −16 V,
13
25
Turn−Off Delay Time
td(OFF)
VGS = −4.5 V, VDD = −16 V,
ID = −2.2 A, RG = 2.5 W
33
50
Fall Time
tf
27
40
DRAIN−SOURCE DIODE CHARACTERISTICS (Note 2)
Forward Diode Voltage
VSD
VGS = 0 V,
IS = −2.1 A
−0.85
−1.15
V
Reverse Recovery Time
tRR
32
ns
Charge Time
ta
VGS = 0 V, IS = −2.1 A ,
10
Discharge Time
tb
VGS = 0 V, IS = −2.1 A ,
dIS/dt = 100 A/ms
22
Reverse Recovery Charge
QRR
15
nC
SCHOTTKY DIODE ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Maximum Instantaneous Forward Voltage
VF
IF = 0.1 A
0.425
V
g
F
IF = 0.5 A
0.480
IF = 1.0 A
0.510
0.575
Maximum Instantaneous Reverse Current
IR
VR = 10 V
1.0
mA
R
VR = 20 V
5.0
m
Maximum Voltage Rate of Change
dv/dt
VR = 20 V
10,000
V/ns
Non−Repetitive Peak Surge Current
IFSM
Halfwave, Single Pulse, 60 Hz
23
A
2. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
3. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com