Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTHD4P02F Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTHD4P02F
Description  Power MOSFET and Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHD4P02F Datasheet(HTML) 4 Page - ON Semiconductor

  NTHD4P02F Datasheet HTML 1Page - ON Semiconductor NTHD4P02F Datasheet HTML 2Page - ON Semiconductor NTHD4P02F Datasheet HTML 3Page - ON Semiconductor NTHD4P02F Datasheet HTML 4Page - ON Semiconductor NTHD4P02F Datasheet HTML 5Page - ON Semiconductor NTHD4P02F Datasheet HTML 6Page - ON Semiconductor NTHD4P02F Datasheet HTML 7Page - ON Semiconductor NTHD4P02F Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NTHD4P02F
http://onsemi.com
4
TYPICAL MOSFET PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
0
1
2
3
4
5
01
2
3
4
3
6
9
12
15
0
VDS = 0 V
VGS = 0 V
5
10
10
600
300
200
100
0
20
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (V)
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
TJ = 25°C
COSS
CISS
CRSS
500
RG, GATE RESISTANCE (W)
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
50
400
−VGS
−VDS
15
0.9
0.5
0
−VSD, SOURCE−TO−DRAIN VOLTAGE (V)
Figure 10. Diode Forward Voltage vs. Current
VGS = 0 V
TJ = 25°C
2.5
0.7
0.5
0.3
1
1.5
2
0
1
2
3
4
5
−VGS
QG, TOTAL GATE CHARGE (nC)
ID = −2.1 A
TJ = 25°C
QGD
QGS
−VDS
QT
1
10
100
1000
1
10
100
td(OFF)
td(ON)
tf
tr
VDD = −16 V
ID = −2.1 A
VGS = −4.5 V
t, TIME (s)
Figure 11. Thermal Response
1.0
0.1
0.01
0.2
D = 0.5
0.05
0.01
SINGLE PULSE
0.1
1.0E−03
1.0E−02
1.0E−01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
0.02
0.0175 W
0.0710 W
0.2706 W
0.5776 W
0.7086 W
107.55 F
1.7891 F
0.3074 F
0.0854 F
0.0154 F
Chip
Ambient
Normalized to qja at 10s.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com