Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6KA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P6KA
Description  Automotive Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P6KA Datasheet(HTML) 1 Page - Vishay Siliconix

  P6KA Datasheet HTML 1Page - Vishay Siliconix P6KA Datasheet HTML 2Page - Vishay Siliconix P6KA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P6KA6.8 thru P6KA43A
Vishay Semiconductors
formerly General Semiconductor
Document Number 88368
www.vishay.com
06-May-02
1
Automotive Transient Voltage Suppressors
Breakdown Voltage 6.8 to 43V
Peak Pulse Power 600W
0.034 (0.86)
0.028 (0.71)
Dia.
0.140 (3.6)
0.104 (2.6)
Dia.
0.230 (5.8)
0.300 (7.6)
1.0 (25.4)
min.
1.0 (25.4)
min.
DO-204AC (DO-15)
Patented*
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak pulse power dissipation with a 10/1000
µs(1) (Fig. 1)
PPPM
Minimum 600
W
Pulse pulse current with a 10/1000
µs waveform(1) (Fig. 3)
IPPM
See Next Table
A
Steady state power dissipation at TL = 75°C
lead lengths 0.375" (9.5mm)(2)
PM(AV)
5.0
W
Peak forward surge current, 8.3ms single half sine-wave (3)
IFSM
75
A
Maximum instantaneous forward voltage at 50A(3)
VF
3.5
V
Operating junction and storage temperature range
TJ, TSTG
–65 to +185
°C
Notes:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25°C per Fig. 2
(2) Mounted on copper pad area of 1.6 x 1.6” (40 x 40mm) per Fig. 5
(3) Measured on 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minutes maximum
Available in uni-directional only
Dimensions in inches and (millimeters)
*Patent #’s 4,980,315
5,166,769
5,278,094
Features
• Designed for under the hood applications
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• Exclusive patented PAR® oxide passivated chip
construction
• 600W peak pulse power surge capability with a
10/1000ms waveform repetition rate (duty cycle):
0.01%
• Excellent clamping capability
• Low incremental surge resistance
• Very fast response time
• For devices with V(BR)
≥10V, ID are typically less
than 1.0mA
• High temperature soldering guaranteed:
300°C/10 seconds, 0.375" (9.5mm) lead length,
5lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-204AC molded plastic body over
passivated junction
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: For unidirectional types the color band
denotes the cathode, which is positive with respect
to the anode under normal TVS operation
Mounting Position: Any
Weight: 0.015 oz., 0.4 g
Packaging codes/options:
1/4K per Bulk Box, 40K/box
4/4K per 13" Reel, 16K/box
23/2K per Ammo mag., 18K/box


Similar Part No. - P6KA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KA10 VISHAY-P6KA10 Datasheet
101Kb / 5P
Automotive Transient Voltage Suppressors
20-Oct-08
P6KA10 VISHAY-P6KA10 Datasheet
86Kb / 5P
PAR Transient Voltage Suppressors
09-Feb-11
P6KA10A VISHAY-P6KA10A Datasheet
101Kb / 5P
Automotive Transient Voltage Suppressors
20-Oct-08
P6KA10A VISHAY-P6KA10A Datasheet
86Kb / 5P
PAR Transient Voltage Suppressors
09-Feb-11
P6KA11 VISHAY-P6KA11 Datasheet
101Kb / 5P
Automotive Transient Voltage Suppressors
20-Oct-08
More results

Similar Description - P6KA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KA6.8 VISHAY-1.5KA6.8 Datasheet
67Kb / 3P
Automotive Transient Voltage Suppressors
08-Oct-02
1.5KA30A VISHAY-1.5KA30A Datasheet
39Kb / 3P
Automotive Transient Voltage Suppressors
08-Oct-02
P4KA6.8 VISHAY-P4KA6.8 Datasheet
36Kb / 3P
Automotive Transient Voltage Suppressors
03-May-02
6KA24 VISHAY-6KA24 Datasheet
94Kb / 4P
Automotive Transient Voltage Suppressors
20-Oct-08
1.5KA6.8 VISHAY-1.5KA6.8_08 Datasheet
102Kb / 5P
Automotive Transient Voltage Suppressors
20-Oct-08
P4KA6.8 VISHAY-P4KA6.8_08 Datasheet
99Kb / 5P
Automotive Transient Voltage Suppressors
21-Oct-08
P6KA6.8 VISHAY-P6KA6.8 Datasheet
101Kb / 5P
Automotive Transient Voltage Suppressors
20-Oct-08
logo
Shenzhen Taychipst Elec...
TMPG06-6.8 TAYCHIPST-TMPG06-6.8 Datasheet
13Mb / 3P
Automotive Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SM8S33 LUGUANG-SM8S33 Datasheet
81Kb / 4P
Automotive Transient Voltage Suppressors
SM5S10 LUGUANG-SM5S10 Datasheet
49Kb / 3P
Automotive Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com