Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P485 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # P485
Description  SSC P485 PL Transceiver IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

P485 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button P485 Datasheet HTML 3Page - List of Unclassifed Manufacturers P485 Datasheet HTML 4Page - List of Unclassifed Manufacturers P485 Datasheet HTML 5Page - List of Unclassifed Manufacturers P485 Datasheet HTML 6Page - List of Unclassifed Manufacturers P485 Datasheet HTML 7Page - List of Unclassifed Manufacturers P485 Datasheet HTML 8Page - List of Unclassifed Manufacturers P485 Datasheet HTML 9Page - List of Unclassifed Manufacturers P485 Datasheet HTML 10Page - List of Unclassifed Manufacturers P485 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SSC P485 PL Transceiver IC
July 1998
7
Revision 5
24000828
ADVANCE INFORMATION
SSC P485 Power Line Interface
Analog data is transferred between the communication medium and the SSC P485 over the Signal In (SI) and
Signal Out (SO) pins (refer to Figure 5). When transmitting, SSC “chirps” from the SSC P485 SO pin are filtered
by the output filter to remove harmonic energy (distortion) from the transmit signal and then amplified by the SSC
P111 Power Line Media Interface IC. The SSC P111 is a high-efficiency amplifier and tri-state switch specifically
designed for use in power line network systems. The amplifier is powered down and its output set to a high
impedance condition when the SSC P485 TS* signal is logic low, isolating the amplifier from the receive circuitry
and reducing node power consumption during receive operation. When the SSC P485 TS* signal is logic high,
the communication signal is routed to the communication medium through the coupling circuit (capacitor or
transformer). When receiving, the communication signal passes through the coupling circuit and is filtered by the
bandpass input filter. The resulting signal is then applied to the SSC P485 SI pin for processing. Refer to the
application reference shown in Figure 14.
Host micro with
internal UART
ILD
RXD
TXD
P485
IC
P111
IC
SO
TS*
SI
ILD
DI
RO
Single
Wire
input
filter
output
filter
medium
coupler
Figure 5. SSC P485 Medium Coupling
SSC P485 Message Format
The P485 requires the following message formatting:
Start bits
1, logic low
Data bits
8 or 9 (default 8)
Stop bits
1, logic high
Character gap
0-4 bit times
Message gap
12 bit times minimum
Message length
1 character minimum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com