Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P485 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P485
Description  SSC P485 PL Transceiver IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

P485 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P485 Datasheet HTML 1Page - List of Unclassifed Manufacturers P485 Datasheet HTML 2Page - List of Unclassifed Manufacturers P485 Datasheet HTML 3Page - List of Unclassifed Manufacturers P485 Datasheet HTML 4Page - List of Unclassifed Manufacturers P485 Datasheet HTML 5Page - List of Unclassifed Manufacturers P485 Datasheet HTML 6Page - List of Unclassifed Manufacturers P485 Datasheet HTML 7Page - List of Unclassifed Manufacturers P485 Datasheet HTML 8Page - List of Unclassifed Manufacturers P485 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SSC P485 PL Transceiver IC
July 1998
2
Revision 5
24000828
ADVANCE INFORMATION
Absolute Maximum Ratings (1)
Symbol
Parameter
Value
Unit
VDDMAX
DC Supply Voltage
-0.3 to 7.0
V
VIN
Input Voltage at any Pin
VSS-0.3 to VDD+0.3
V
TSTG
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (Soldering, 10 seconds)
300
°C
Notes:
1.
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Recommended Operating Conditions
Symbol
Parameter
Min
Typical
Max
Unit
VDD
DC Supply Voltage
4.5
5.0
5.5
V
FOSC
Oscillator Frequency
12
± 0.05%
MHz
TA
Operating Temperature
-40
+25
+85
°C
Humidity (non-condensing)
95
%
Electrical Characteristics
Conditions: VDD = 4.5 to 5.5 V T= -40 to +85°C
Symbol
Parameter
Min
Typical
Max
Units
VOH
Minimum High-level Output Voltage
2.4
V
VOL
Maximum Low-level Output Voltage (1)
0.4
V
VIH
Minimum High-level Input Voltage
2.0
V
VIL
Maximum Low-level Input Voltage
0.8
V
IIL
Maximum Input Leakage Current
±10
µA
vSO
SSC Signal Output Voltage (2)
4
VP-P
IDD
Total Power Supply Current
15
mA
Notes:
1.
TS* pin IOL = 4 mA, all other outputs IOL = 2 mA
2.
ZL = 2K
Ω || 10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com