Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACT12 Datasheet(PDF) 1 Page - Recom International Power

Part # RACT12
Description  12 Watt TRIAC Dimmable Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACT12 Datasheet(HTML) 1 Page - Recom International Power

  RACT12 Datasheet HTML 1Page - Recom International Power RACT12 Datasheet HTML 2Page - Recom International Power RACT12 Datasheet HTML 3Page - Recom International Power RACT12 Datasheet HTML 4Page - Recom International Power RACT12 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
L-1
REV.: 0/2017
www.recom-power.com
12 Watt
TRIAC
Dimmable
Single Output
AC/DC Converter
Features
TRIAC Dimmable
LED
Driver
• Triac –dimmable with leading or trailing
edge dimmers
• Class II with SELV output (no earth required)
• Extra-large screw terminals and integrated
cable clamps for easy installation
• Power factor corrected >0.95
• Dimming range 1..100%
• Compatible with a wide range of dimmers
RACT12
Description
The RACT12-xxx series are low cost, triac-dimmable, constant current 12W LED drivers available
with either 300mA, 350mA, 500mA or 700mA full-range outputs. The drivers are Class II (double
insulated) meaning no earth connection is required. The phase angle dimming works with leading or
trailing edge dimmers.The RACT12 is suitable for indoor locations up to 50°C ambient temperature and is
certified for building into furniture for applications such as dimmable shelf lighting, cove lighting or
accent lighting. It is CE marked (LVD + EMC + RoHS) and has IEC61347-1/IEC61347-2-13 CB report
certification.
Selection Guide
Part
Input
Output
Output
Efficiency
Output
Number
Voltage Range
Voltage Range
Current
min. @rated load Power
[VAC]
[VDC]
[mA]
[%]
[W]
RACT12-300
198-264
20-40
300
82
12
RACT12-350
198-264
18-35
350
81
12
RACT12-500
198-264
12-24
500
81
12
RACT12-700
198-264
9-18
700
81
12
3 YEAR
warranty
3
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
198VAC
230VAC
264VAC
Input Current
80mA
Inrush Current
full load
5A
No Load Power Consumption
1W
Input Frequency Range
50Hz
60Hz
Power Factor
full load
0.95
continued on next page
Specifications (measured @ ta= 25°C, 240VAC, rated load unless otherwise specified)
All LED Drivers may not be used without a load. They must be switched on the primary side only.
Noncompliance may damage the LED or reduce its lifetime.
Model Numbering
Output Current
Output Power
RACT12-___
M M
IEC/EN61347 Certified
IEC/EN61347-2-13 Certified
EN61547 Certified
EN62493 Certifed
EN55015 Compliant
CB Report


Similar Part No. - RACT12

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACT18 RECOM-RACT18 Datasheet
390Kb / 5P
18 Watt TRIAC Dimmable Single Output
RACT18-1050 RECOM-RACT18-1050 Datasheet
390Kb / 5P
18 Watt TRIAC Dimmable Single Output
RACT18-1400 RECOM-RACT18-1400 Datasheet
390Kb / 5P
18 Watt TRIAC Dimmable Single Output
RACT18-350 RECOM-RACT18-350 Datasheet
390Kb / 5P
18 Watt TRIAC Dimmable Single Output
RACT18-500 RECOM-RACT18-500 Datasheet
390Kb / 5P
18 Watt TRIAC Dimmable Single Output
More results

Similar Description - RACT12

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP12-122.5SA RECOM-RP12-122.5SA Datasheet
93Kb / 4P
12 Watt DIP24 Single & Dual Output
logo
List of Unclassifed Man...
WP12 ETC1-WP12 Datasheet
79Kb / 1P
12 Watt Single Output Regulated Power Supplies
logo
Recom International Pow...
RP12-122.5SA RECOM-RP12-122.5SA_07 Datasheet
96Kb / 4P
12 Watt DIP24 & SMD, Single & Dual Output
RP12-243.3SAW RECOM-RP12-243.3SAW Datasheet
91Kb / 3P
12 Watt DIP24 & SMD, Single & Dual Output
RACD12 RECOM-RACD12 Datasheet
90Kb / 2P
12 Watt PFC Single Output
logo
Taiwan Semiconductor Co...
TS19310 TSC-TS19310 Datasheet
423Kb / 8P
Single-Stage PFC TRIAC Dimmable LED Driver
logo
Recom International Pow...
RP12-A RECOM-RP12-A Datasheet
501Kb / 7P
12 Watt DIP24/SMD Single & Dual Output
RACT09 RECOM-RACT09 Datasheet
386Kb / 5P
9 Watt TRIAC Dimmable Single Output
RACT18 RECOM-RACT18 Datasheet
390Kb / 5P
18 Watt TRIAC Dimmable Single Output
RACT25 RECOM-RACT25 Datasheet
389Kb / 5P
25 Watt TRIAC Dimmable Single Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com