Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACT12 Datasheet(PDF) 3 Page - Recom International Power

Part # RACT12
Description  12 Watt TRIAC Dimmable Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACT12 Datasheet(HTML) 3 Page - Recom International Power

  RACT12 Datasheet HTML 1Page - Recom International Power RACT12 Datasheet HTML 2Page - Recom International Power RACT12 Datasheet HTML 3Page - Recom International Power RACT12 Datasheet HTML 4Page - Recom International Power RACT12 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC/DC Converter
L-3
REV.: 0/2017
www.recom-power.com
RACT12
Series
Specifications (measured @ ta= 25°C, nominal input, rated output after warm up unless otherwise specified)
-20
50
40
30
20
10
0
-10
0
20
40
60
80
100
Ambient Temperature [°C]
Derating Graph
(@ Chamber and natural convection 0.1m/s)
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report Number
Standard
Lamp Controlgear General Requirments for Safety (CB Scheme)
325797
IEC61347-1:2007, 2nd Edition
Lamp Controlgear Particular Requirements (CB Scheme)
IEC61347-2-13: 2014, 2nd Edition
Lamp Controlgear General Requirments for Safety (LVD)
EN61347-1:2007, 2nd Edition
Lamp Controlgear Particular Requirements (LVD)
EN61347-2-13: 2014, 2nd Edition
RoHS2+
RoHS 2011/65/EU + AM2015/863
EMC Compliance
Condition
Standard / Criterion
Limits and methods of measurement of radio disturbance characteristics of electrical
lighting and similar equipment
EN55015: 2013 +A1 2015
Limits for harmonic current emissions
IEC61000-3-2: 2014, Class C
Limitation of voltage fluctuations/flicker in low-voltage systems
IEC61000-3-3:2013
Equipment for general Lighting Purpose EMC Immunity Requirements
IEC61547:2009
Assessment of lighting equipment related to human exposure to electromagnetic fields
EN62493:2015
ESD Electrostatic discharge immunity test
±8kV Air Discharge,
±4kV Contact Discharge
IEC61000-4-2, Criteria A
Radiated, radio-frequency, electromagnetic field immunity test
3V/m
IEC61000-4-3, Criteria A
Fast Transient and Burst Immunity
L-N= ±1kV; DC Output= ±0.5kV
IEC61000-4-4, Criteria A
Surge Immunity
L-N= ±0.5kV
IEC61000-4-5, Criteria A
Immunity to conducted disturbances, induced by radio-frequency fields
3V r.m.s.
IEC61000-4-6, Criteria A
Voltage Dips and Interruptions
>95% reduction
IEC61000-4-11, Criteria B
30%
IEC61000-4-11, Criteria B
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
PCB
Plastic (UL94V-0)
FR4 (UL94V-0)
Package Dimension (LxWxH)
109.0 x 40.0 x 22.0mm
Package Weight
70g typ.
continued on next page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com