Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACT18 Datasheet(PDF) 1 Page - Recom International Power

Part # RACT18
Description  18 Watt TRIAC Dimmable Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACT18 Datasheet(HTML) 1 Page - Recom International Power

  RACT18 Datasheet HTML 1Page - Recom International Power RACT18 Datasheet HTML 2Page - Recom International Power RACT18 Datasheet HTML 3Page - Recom International Power RACT18 Datasheet HTML 4Page - Recom International Power RACT18 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
L-1
REV.: 0/2017
www.recom-power.com
18 Watt
TRIAC
Dimmable
Single Output
AC/DC Converter
Features
TRIAC Dimmable
LED
Driver
• Triac –dimmable with leading or trailing
edge dimmers
• Class II with SELV output (no earth required)
• Extra-large screw terminals and integrated
cable clamps for easy installation
• Power factor corrected >0.95
• Dimming range 1..100%
• Compatible with a wide range of dimmers
RACT18
Description
The RACT18-xxx series are low cost, triac-dimmable, constant current 18W LED drivers available with
either 350mA, 500mA, 700mA, 1.05A or 1.4A full-range outputs. The drivers are Class II (double
insulated) meaning no earth connection is required. The phase angle dimming works with leading or
trailing edge dimmers. The RACT18 is suitable for indoor locations up to 50°C ambient temperature and
is certified for building into furniture for applications such as dimmable shelf lighting, cove lighting or
accent lighting. It is CE marked (LVD + EMC + RoHS) and has the international IEC61347-1 CB report
certification.
Selection Guide
Part
Input
Output
Output
Efficiency
Output
Number
Voltage Range
Voltage Range
Current
min. @rated load Power
[VAC]
[VDC]
[mA]
[%]
[W]
RACT18-350
198-264
26-52
350
85
18
RACT18-500
198-264
18-36
500
84
18
RACT18-700
198-264
13-26
700
85
18
RACT18-1050
198-264
9-18
1050
82
18
RACT18-1400
198-264
6.5-13
1400
82
18
3 YEAR
warranty
3
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
198VAC
230VAC
264VAC
Input Current
RACT18-350,1050,1400
RACT18-500,700
110mA
120mA
Inrush Current
full load
5A
No Load Power Consumption
1W
Input Frequency Range
50Hz
60Hz
Power Factor
full load
0.95
THD
full load
20%
Start-up Time
500ms
continued on next page
Specifications (measured @ ta= 25°C, 240VAC, rated load unless otherwise specified)
All LED Drivers may not be used without a load. They must be switched on the primary side only.
Noncompliance may damage the LED or reduce its lifetime.
Model Numbering
Output Current
Output Power
RACT18-____
M M
IEC/EN61347 Certified
IEC/EN61347-2-13 Certified
EN61547 Certified
EN62493 Certifed
EN55015 Compliant
CB Report


Similar Part No. - RACT18

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACT12 RECOM-RACT12 Datasheet
387Kb / 5P
12 Watt TRIAC Dimmable Single Output
RACT12-300 RECOM-RACT12-300 Datasheet
387Kb / 5P
12 Watt TRIAC Dimmable Single Output
RACT12-350 RECOM-RACT12-350 Datasheet
387Kb / 5P
12 Watt TRIAC Dimmable Single Output
RACT12-500 RECOM-RACT12-500 Datasheet
387Kb / 5P
12 Watt TRIAC Dimmable Single Output
RACT12-700 RECOM-RACT12-700 Datasheet
387Kb / 5P
12 Watt TRIAC Dimmable Single Output
More results

Similar Description - RACT18

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
TRIAC Dimmable LED Driver IC
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
logo
Taiwan Semiconductor Co...
TS19310 TSC-TS19310 Datasheet
423Kb / 8P
Single-Stage PFC TRIAC Dimmable LED Driver
logo
Recom International Pow...
RCOB-A RECOM-RCOB-A Datasheet
495Kb / 5P
Dimmable Active PFC Single Output
RACT09 RECOM-RACT09 Datasheet
386Kb / 5P
9 Watt TRIAC Dimmable Single Output
RACT12 RECOM-RACT12 Datasheet
387Kb / 5P
12 Watt TRIAC Dimmable Single Output
RACT25 RECOM-RACT25 Datasheet
389Kb / 5P
25 Watt TRIAC Dimmable Single Output
RACM18-ER RECOM-RACM18-ER Datasheet
2Mb / 6P
18 Watt Round Shape Single Output
RACM18-ER-W RECOM-RACM18-ER-W Datasheet
570Kb / 6P
18 Watt Wired Round Shape Single Output
logo
Diodes Incorporated
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com