Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACT18 Datasheet(PDF) 4 Page - Recom International Power

Part # RACT18
Description  18 Watt TRIAC Dimmable Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACT18 Datasheet(HTML) 4 Page - Recom International Power

  RACT18 Datasheet HTML 1Page - Recom International Power RACT18 Datasheet HTML 2Page - Recom International Power RACT18 Datasheet HTML 3Page - Recom International Power RACT18 Datasheet HTML 4Page - Recom International Power RACT18 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AC/DC Converter
L-4
REV.: 0/2017
www.recom-power.com
Specifications (measured @ ta= 25°C, 240VAC, rated load unless otherwise specified)
RACT18
Series
Top View
120.0
FC 13.3
14.6
L
N
18.3
77.1
+
L
N
+
Connection via Screw Terminal
Function
Solid Wire
Stranded Wire (3)
AWG
VAC in (N) 0.75-2.5mm²
0.75-2.5mm²
20-14
VAC in (L)
0.75-2.5mm²
0.75-2.5mm²
20-14
LED+
0.5-2.5mm²
0.5-2.5mm²
21-14
LED-
0.5-2.5mm²
0.5-2.5mm²
21-14
wire stripping length: 6-7mm
recommended tightening torque: 0.25Nm
tc= case temperature measuring point
FC= fixing centers
Tolerance: xx.x= ±1.0mm
xx.xx= ±0.5mm
Notes:
Note3: The use of sleeve or ferrule terminations is recommended.
Dimensions Drawing (mm)
INSTALLATION and APPLICATION
Dimming Type
Value
AC phase-cut
work with leading/trailing edge dimmers
Connection
L N
LED+
LED-
without cable cover`s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com