Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REDIN480 Datasheet(PDF) 1 Page - Recom International Power

Part # REDIN480
Description  480 Watt DIN-Rail Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN480 Datasheet(HTML) 1 Page - Recom International Power

  REDIN480 Datasheet HTML 1Page - Recom International Power REDIN480 Datasheet HTML 2Page - Recom International Power REDIN480 Datasheet HTML 3Page - Recom International Power REDIN480 Datasheet HTML 4Page - Recom International Power REDIN480 Datasheet HTML 5Page - Recom International Power REDIN480 Datasheet HTML 6Page - Recom International Power REDIN480 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
DIN Rail
Series
• Universal AC Input (85-264VAC)
• Protections: SCP, OVP, OLP, OTP
• DC OK Indicator LED With Relay Contacts
• 150% (720W) Peak Load Capacity
• Built-in Active PFC, PF>0.95
• High Effciency Up To 93.8%
AC/DC Converter
PDR-1
REV.: 0/2017
www.recom-power.com
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
85VAC
264VAC
Absolute Maximum Input
Voltage
max. 3s
300VAC
Input Current
full load, 115VAC
full load, 230VAC
4.59A
2.36A
7.0A
3.5A
Inrush Current
cold start at 25°C, 115VAC
cold start at 25°C, 230VAC
6.8A
13A
20A
40A
No Load Power Consumption
85-264VAC
230VAC
3.85W
2.85W
5W
4W
Input Frequency Range
47Hz
63Hz
Power Factor
115VAC
230VAC
0.99
0.95
Start-up time
24Vout
115VAC
230VAC
1.6s
1.3s
3s
48Vout
115VAC
230VAC
1.5s
1.3s
3s
Hold-up time
24Vout
230VAC
20ms
21ms
48Vout
20ms
22ms
Rise time
24Vout
230VAC
31ms
100ms
48Vout
49ms
100ms
Ripple & Noise (1)
0 - 70°C
-25°C
24Vout
240mVp-p
480mVp-p
-25 - 70°C
48Vout
480mVp-p
continued on next page
Specifications (measured @ ta = 25°C, rated Vin, rated load and after warm up)
UL60950-1 Certified
UL508 Certified
IEC/EN60950-1 Certified
Description
These DIN-rail mounted power supplies have a robust case, 4mm screw terminal connectors and use
high reliability components to give a long, trouble-free life. The REDIN480 can be end mounted to save
rail space or side mounted for use in low-profile cabinets. The units can deliver up to 150% start-up
power and allow n+1 parallel operation to increase the continuous output current or for supply redun-
dancy. Relay contacts simplify DC OK monitoring. The REDIN480 series is designed for demanding
commercial and industrial applications with UL508, UL60950, IEC60950 CB report and CE (LVD + EMC
+ RoHS) certifications. They come with a full 5-year warranty.
Selection Guide
Part
nom. Input
Output
Output
Rated
Efficiency
Number
Voltage Range
Voltage
Adjustability
Current
typ.
[VAC]
[VDC]
[VDC]
[A]
[%]
REDIN480-24
100-240
24
24-28
20
93.8
REDIN480-48
100-240
48
48-56
10
93.5
E224736
480 Watt
DIN-Rail
Power
Supply
REDIN480
5 YEAR
warranty
5
Notes:
Note1: Measured at 20MHz bandwidth by using a 12” twisted pair-wire terminated
with a 0.1µF & 10µF parallel capacitor.


Similar Part No. - REDIN480

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REDIN480-24/3AC RECOM-REDIN480-24/3AC Datasheet
638Kb / 8P
480 Watt 3 Phase DIN-Rail Power Supply
REDIN480-3AC RECOM-REDIN480-3AC Datasheet
638Kb / 8P
480 Watt 3 Phase DIN-Rail Power Supply
More results

Similar Description - REDIN480

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PST480 ALTECH-PST480 Datasheet
163Kb / 1P
480W Three Phase DIN Rail Power Supply PST-480 Series
PSP480 ALTECH-PSP480 Datasheet
164Kb / 1P
480W Single Output DIN Rail Power Supply PSP-480 Series
logo
Delta Electronics, Inc.
DRP012V015W1A DELTA-DRP012V015W1A Datasheet
900Kb / 4P
DIN RAIL POWER SUPPLY
logo
Recom International Pow...
REDIN45 RECOM-REDIN45 Datasheet
621Kb / 6P
45 Watt DIN-Rail Power Supply
REDIN60 RECOM-REDIN60 Datasheet
620Kb / 6P
60 Watt DIN-Rail Power Supply
REDIN240-3AC RECOM-REDIN240-3AC Datasheet
617Kb / 8P
240 Watt 3 Phase DIN-Rail Power Supply
REDIN480-3AC RECOM-REDIN480-3AC Datasheet
638Kb / 8P
480 Watt 3 Phase DIN-Rail Power Supply
REDIN960-3AC RECOM-REDIN960-3AC Datasheet
625Kb / 8P
960 Watt 3 Phase DIN-Rail Power Supply
REDIN120-3AC RECOM-REDIN120-3AC Datasheet
608Kb / 8P
120 Watt 3 Phase DIN-Rail Power Supply
logo
Applied Motion Products...
PS480D72 AMP-PS480D72 Datasheet
950Kb / 6P
DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com