Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REDIN480 Datasheet(PDF) 2 Page - Recom International Power

Part # REDIN480
Description  480 Watt DIN-Rail Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN480 Datasheet(HTML) 2 Page - Recom International Power

  REDIN480 Datasheet HTML 1Page - Recom International Power REDIN480 Datasheet HTML 2Page - Recom International Power REDIN480 Datasheet HTML 3Page - Recom International Power REDIN480 Datasheet HTML 4Page - Recom International Power REDIN480 Datasheet HTML 5Page - Recom International Power REDIN480 Datasheet HTML 6Page - Recom International Power REDIN480 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
REGULATION
Parameter
Condition
Value
Output Accuracy
24Vout
48Vout
±0.6% typ. / ±3.0% max.
±0.5% typ. / ±3.0% max.
Line Regulation
24Vout, 48Vout
±0.1% typ. / ±0.5% max.
Load Regulation
0% to 100% load
±0.3% typ. / ±1.0% max.
Transient Response
100Hz & 1kHz, 50% duty, 25% load step change
±2.0% typ. / ±5.0% max.
AC/DC Converter
PDR-2
REV.: 0/2017
www.recom-power.com
Specifications (measured @ ta = 25°C, rated Vin, rated load and after warm up)
REDIN480
Series
REDIN480-24
115VAC
230VAC
Load Current [A]
10
0
5
10
15
20
0
20
40
60
80
100
30
50
70
90
Efficiency vs Load
Power Dissipation vs Load
Power Factor vs Load over Vin
Input Current vs Load
Iin 115VAC [A]
Iin 230VAC [A]
Load Current [%]
0
0
1
2
20
0.5
40
1.5
60
80
100
2.5
3
3.5
4
4.5
5
115VAC
230VAC
Load Current [A]
0
0
20
10
40
5
30
10
50
60
15
20
115VAC
230VAC
Load Current [A]
0
0
0.2
0.4
0.6
0.8
1.0
1.2
5
10
15
20



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com