Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU508D Datasheet(PDF) 2 Page - Micro Electronics

Part # BU508D
Description  HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

BU508D Datasheet(HTML) 2 Page - Micro Electronics

  BU508D Datasheet HTML 1Page - Micro Electronics BU508D Datasheet HTML 2Page - Micro Electronics BU508D Datasheet HTML 3Page - Micro Electronics BU508D Datasheet HTML 4Page - Micro Electronics BU508D Datasheet HTML 5Page - Micro Electronics BU508D Datasheet HTML 6Page - Micro Electronics BU508D Datasheet HTML 7Page - Micro Electronics BU508D Datasheet HTML 8Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
TO-3
T O-218
ISOW AT T218
Rthj-ca se
Thermal Resistance Junction-case
Max
1
1
2.5
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symbo l
Parameter
T est Con ditio ns
Min .
T yp.
Max.
Uni t
ICES
Collector Cut -off
Current (VBE =0)
VCE = 1500 V
VCE = 1500 V
Tj = 125
oC
1
2
mA
mA
IEBO
Emitter Cut- off Current
(IC =0)
VEB = 5 V
300
mA
VCE(sat)
∗ Collector-Emitter
Sat uration Voltage
IC =4.5 A
IB =2 A
1
V
VCEO(s us)
Collector-Emitt er
Sustaining Voltage
IC =100 mA
700
V
VBE(sat)
∗ Base-Emitter
Sat uration Voltage
IC =4.5 A
IB = 2 A
1.3
V
ts
tf
INDUCT IVE LOAD
Storage Time
Fall Time
IC =4.5 A
hFE =2.5
VCC =140 V
LC =0.9 mH
LB =3
µH7
550
µs
ns
VF
Diode F orward Volt age
IF =4 A
2
V
fT
Transition Frequency
IC =0.1 A
VCE = 5 V
f = 5 MHz
7
MHz
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Area (TO-3)
Safe Operating Area (TO-218/ISOWATT218)
BU208D/508D/508DFI
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com