Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU508D Datasheet(PDF) 1 Page - Micro Electronics

Part # BU508D
Description  HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

BU508D Datasheet(HTML) 1 Page - Micro Electronics

  BU508D Datasheet HTML 1Page - Micro Electronics BU508D Datasheet HTML 2Page - Micro Electronics BU508D Datasheet HTML 3Page - Micro Electronics BU508D Datasheet HTML 4Page - Micro Electronics BU508D Datasheet HTML 5Page - Micro Electronics BU508D Datasheet HTML 6Page - Micro Electronics BU508D Datasheet HTML 7Page - Micro Electronics BU508D Datasheet HTML 8Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BU208D/508D/508DFI
HIGH VOLTAGE FASTSWITCHING NPN
POWER TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPES
s
HIGH VOLTAGE CAPABILITY
s
U.L. RECOGNISED ISOWATT218 PACKAGE
(U.L. FILE # E81734 (N)
s
JEDEC TO-3 METAL CASE
s
NPN TRANSISTOR WITH INTEGRATED
FREEWHEELING DIODE
APPLICATIONS:
s
HORIZONTAL DEFLECTION FOR COLOUR
TV
DESCRIPTION
The BU208D, BU508D and BU508DFI are
manufactured
using
Multiepitaxial
Mesa
technology for cost-effective high performance
and uses a Hollow Emitter structure to enhance
switching speeds.
INTERNAL SCHEMATIC DIAGRAM
June 1996
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Valu e
Unit
VCES
Collector-Emit ter Voltage (VBE = 0)
1500
V
VCEO
Collector-Emit ter Voltage (IB = 0)
700
V
VEBO
Emitter-Base Voltage (IC =0)
10
V
IC
Collector Current
8
A
ICM
Collector Peak Current (tp <5 ms)
15
A
TO - 3
TO - 218
ISOW ATT218
Ptot
T otal Dissipat ion at Tc =25
oC
150
125
50
W
Tstg
Storage Temperat ure
-65 to 150 -65 to 150
-65 t o 150
oC
Tj
Max. O perat ing Junction Temperature
150
150
150
oC
1
2
3
TO-218
ISOWATT218
1
2
3
1
2
TO-3
1/8


Similar Part No. - BU508D

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU508D MOSPEC-BU508D Datasheet
162Kb / 4P
POWER TRANSISTORS(5A,1500V,125W)
logo
Wing Shing Computer Com...
BU508D WINGS-BU508D Datasheet
84Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
logo
Savantic, Inc.
BU508D SAVANTIC-BU508D Datasheet
137Kb / 3P
Silicon NPN Power Transistors
BU508D SAVANTIC-BU508D Datasheet
139Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BU508D NJSEMI-BU508D Datasheet
131Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - BU508D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUX84S PHILIPS-BUX84S Datasheet
29Kb / 4P
NPN high voltage Power transistor
February 1999 Rev 1.000
logo
STMicroelectronics
BUH517 STMICROELECTRONICS-BUH517 Datasheet
158Kb / 5P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE NPN FASTSWITCHING TRANSISTOR
Feb 1991
SGSF344 STMICROELECTRONICS-SGSF344 Datasheet
188Kb / 5P
HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
Jun-1997
BUH313 STMICROELECTRONICS-BUH313 Datasheet
90Kb / 7P
HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
Jun-1996
BUX98APW STMICROELECTRONICS-BUX98APW Datasheet
46Kb / 4P
HIGH VOLTAGE NPN POWER TRANSISTOR
Feb-2002
STD616A STMICROELECTRONICS-STD616A_03 Datasheet
122Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
Jun-2003
SGSF324 STMICROELECTRONICS-SGSF324 Datasheet
87Kb / 6P
HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
Sep-1997
STX616 STMICROELECTRONICS-STX616 Datasheet
111Kb / 8P
High voltage NPN power transistor
22-Oct-2007
BUH513 STMICROELECTRONICS-BUH513 Datasheet
100Kb / 7P
HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
Jun-1996
logo
Inchange Semiconductor ...
ISB3026 ISC-ISB3026 Datasheet
277Kb / 2P
High Voltage NPN Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com