Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC38RF80 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 17Page - Texas Instruments DAC38RF80 Datasheet HTML 18Page - Texas Instruments DAC38RF80 Datasheet HTML 19Page - Texas Instruments DAC38RF80 Datasheet HTML 20Page - Texas Instruments DAC38RF80 Datasheet HTML 21Page - Texas Instruments DAC38RF80 Datasheet HTML 22Page - Texas Instruments DAC38RF80 Datasheet HTML 23Page - Texas Instruments DAC38RF80 Datasheet HTML 24Page - Texas Instruments DAC38RF80 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 155 page
background image
21
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Electrical Characteristics - AC Specifications (continued)
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, external differential clock mode at
9 GSPS, 12x Interpolation, 0 dBFS, fOUT = 2.14 GHz, I(OUTFS) = 40 mA, nominal supplies, LMFSHd = 84111, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
DAC38RF83/93/85
DAC38RF80/90/84
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
HD3
3rd Order Harmonic
fCLK = 6 GHz , fOUT = 501 MHz
63
75
dBc
fCLK = 6 GHz , fOUT = 951 MHz
62
72
fCLK = 6 GHz , fOUT = 1851 MHz
71
72
fCLK = 6 GHz , fOUT = 2651 MHz
69
70
fCLK = 9 GHz , fOUT = 501 MHz
62
74
fCLK = 9 GHz , fOUT = 951 MHz
61
73
fCLK = 9 GHz , fOUT = 1851 MHz
66
72
fCLK = 9 GHz , fOUT = 2651 MHz
65
69
fCLK = 9 GHz , fOUT = 3651 MHz
67
69
CMP2
Fs/2 clock mixing product
(Fs/2 – fOUT)
fCLK = 6 GHz , fOUT = 501 MHz
85
79
dBc
fCLK = 6 GHz , fOUT = 951 MHz
85
80
fCLK = 6 GHz , fOUT = 1851 MHz
82
76
fCLK = 6 GHz , fOUT = 2651 MHz
79
76
fCLK = 9 GHz , fOUT = 501 MHz
78
70
fCLK = 9 GHz , fOUT = 951 MHz
76
67
fCLK = 9 GHz , fOUT = 1851 MHz
73
67
fCLK = 9 GHz , fOUT = 2651 MHz
74
63
fCLK = 9 GHz , fOUT = 3651 MHz
68
59
CMP4+
Fs/N (N = 4, 8, 16) clock
mixing product (fOUT ± Fs/N)
fCLK = 6 GHz , fOUT = 501 MHz
92
90
dBc
fCLK = 6 GHz , fOUT = 951 MHz
87
87
fCLK = 6 GHz , fOUT = 1851 MHz
81
83
fCLK = 6 GHz , fOUT = 2651 MHz
78
76
fCLK = 9 GHz , fOUT = 501 MHz
95
91
fCLK = 9 GHz , fOUT = 951 MHz
89
88
fCLK = 9 GHz , fOUT = 1851 MHz
84
85
fCLK = 9 GHz , fOUT = 2651 MHz
79
81
fCLK = 9 GHz , fOUT = 3651 MHz
74
74
IMD3
Third-order two-tone
intermodulation distortion
fCLK = 6 GHz , fOUT = 501 ± 5 MHz, –6
dBFS each tone
80
83
dBc
fCLK = 6 GHz , fOUT = 951 ± 5 MHz, –6
dBFS each tone
76
79
fCLK = 6 GHz , fOUT = 1851 ± 5 MHz, –6
dBFS each tone
73
76
fCLK = 6 GHz , fOUT = 2651 ± 5 MHz, –6
dBFS each tone
72
75
fCLK = 9 GHz , fOUT = 501 ± 5 MHz, –6
dBFS each tone
80
84
fCLK = 9 GHz , fOUT = 951 ± 5 MHz, –6
dBFS each tone
75
80
fCLK = 9 GHz , fOUT = 1851 ± 5 MHz, –6
dBFS each tone
70
74
fCLK = 9 GHz , fOUT = 2651 ± 5 MHz, –6
dBFS each tone
70
73
fCLK = 9 GHz , fOUT = 3651 ± 5 MHz, –6
dBFS each tone
68
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com