Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC38RF80 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 28Page - Texas Instruments DAC38RF80 Datasheet HTML 29Page - Texas Instruments DAC38RF80 Datasheet HTML 30Page - Texas Instruments DAC38RF80 Datasheet HTML 31Page - Texas Instruments DAC38RF80 Datasheet HTML 32Page - Texas Instruments DAC38RF80 Datasheet HTML 33Page - Texas Instruments DAC38RF80 Datasheet HTML 34Page - Texas Instruments DAC38RF80 Datasheet HTML 35Page - Texas Instruments DAC38RF80 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 155 page
background image
Freq offset (Hz)
1000
10000
100000
1000000
1E+7
5E+7
-160
-140
-120
-100
-80
D029
CP=1
CP=2
CP=3
CP=4
CP=5
CP=6
CP=7
CP=8
CP=9
CP=10
CP=11
CP=12
CP=13
CP=14
CP=15
Freq offset (Hz)
1000
10000
100000
1000000
1E+7
5E+7
-160
-150
-140
-130
-120
-110
-100
D030
div4
div3
div2
32
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
VCO frequency = 5.9 GHz
Measured at 1.8 GHz
Figure 43. VCO0 Phase Noise vs Offset Frequency Over
Charge Pump Current
VCO frequency = 5.9 GHz
Figure 44. VCO0 Output clock Phase Noise vs Offset
Frequency Over Divider Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com