Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP2000 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2000
Description  DLP2000 (.2nHD) DMD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2000 Datasheet(HTML) 25 Page - Texas Instruments

Back Button DLP2000 Datasheet HTML 21Page - Texas Instruments DLP2000 Datasheet HTML 22Page - Texas Instruments DLP2000 Datasheet HTML 23Page - Texas Instruments DLP2000 Datasheet HTML 24Page - Texas Instruments DLP2000 Datasheet HTML 25Page - Texas Instruments DLP2000 Datasheet HTML 26Page - Texas Instruments DLP2000 Datasheet HTML 27Page - Texas Instruments DLP2000 Datasheet HTML 28Page - Texas Instruments DLP2000 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
25
DLP2000
www.ti.com
DLPS078 – JULY 2017
Product Folder Links: DLP2000
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9 Power Supply Recommendations
The following power supplies are all required to operate the DMD: VSS, VCC, VOFFSET, VBIAS, and VRESET. DMD
power-up and power-down sequencing is strictly controlled by the DLPA1000 device.
VCC, VOFFSET, VBIAS, and VRESET power supplies have to be coordinated during power-up and power-down
operations. Failure to meet any of the following requirements will result in a significant reduction in the DMD’s
reliability and lifetime. Refer to Figure 13.
CAUTION
For reliable operation of the DMD, the following power supply sequencing
requirements must be followed. Failure to adhere to the prescribed power-up and
power-down procedures may affect device reliability.
VCC, VOFFSET, VBIAS, and VRESET power supplies have to be coordinated during power-
up and power-down operations. Failure to meet any of the following requirements will
result in a significant reduction in the DMD’s reliability and lifetime.
9.1 Power Supply Power-Up Procedure
•
During Power-Up, VCC must always start and settle before VOFFSET, VBIAS, and VRESET voltages are applied to
the DMD.
•
During Power-Up, VBIAS does not have to start after VOFFSET. However, it is a strict requirement that the delta
between VBIAS and VOFFSET must be within ±8.75 V (Note 1).
•
During Power-Up, the DMD’s LVCMOS input pins shall not be driven high until after VCC has settled at
operating voltage.
•
During Power-Up, there is no requirement for the relative timing of VRESET with respect to VOFFSET and VBIAS.
•
Slew Rates for Power-Up are flexible, as long as the transient voltage levels follow the requirements listed
previously.
9.2 Power Supply Power-Down Procedure
•
Power-Down sequence is the reverse order of the previous Power-Up sequence. VCC must be supplied until
after VBIAS, VRESET and VOFFSET are discharged to within 4 V of ground.
•
During Power-Down, it is not mandatory to stop driving VBIAS prior to VOFFSET, but it is a strict requirement that
the delta between VBIAS and VOFFSET must be within ±8.75 V (Note 1).
•
During Power-Down, the DMD’s LVCMOS input pins must be less than VCC + 0.3 V.
•
During Power-Down, there is no requirement for the relative timing of VRESET with respect to VOFFSET and
VBIAS.
•
Slew Rates for Power-Down are flexible, as long as the transient voltage levels follow the requirements listed
previously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com