Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP2000 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2000
Description  DLP2000 (.2nHD) DMD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2000 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DLP2000 Datasheet HTML 11Page - Texas Instruments DLP2000 Datasheet HTML 12Page - Texas Instruments DLP2000 Datasheet HTML 13Page - Texas Instruments DLP2000 Datasheet HTML 14Page - Texas Instruments DLP2000 Datasheet HTML 15Page - Texas Instruments DLP2000 Datasheet HTML 16Page - Texas Instruments DLP2000 Datasheet HTML 17Page - Texas Instruments DLP2000 Datasheet HTML 18Page - Texas Instruments DLP2000 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
45°
On-State
Tilt Direction
Off-State
Tilt Direction
Pond Of Micromirrors (POM) omitted for clarity.
Not to scale.
Details omitted for clarity.
incident
illumination
DLP2000 DMD
M x N Micromirrors
N ± 1
0
1
2
3
N ± 4
N ± 2
N ± 3
15
DLP2000
www.ti.com
DLPS078 – JULY 2017
Product Folder Links: DLP2000
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Limits on variability of micromirror tilt half angle are critical in the design of the accompanying optical system. Variations in tilt angle
within a device may result in apparent non-uniformities, such as line pairing and image mottling, across the projected image. Variations
in the average tilt angle between devices may result in colorimetry and system contrast variations. The specified limits represent the
tolerances of the tilt angles within a device.
(2)
See Figure 9.
6.10 Micromirror Array Optical Characteristics
PARAMETER
MIN
NOM
MAX
UNIT
Micromirror Tilt - half angle, variation device to device (1)
11
12
13
degree
Axis of Rotation with respect to system datums, variation device to device (2)
44
45
46
degree
(1)
Single-pass through both surfaces and glass.
(2)
AOI – Angle Of Incidence is the angle between an incident ray and the normal of a reflecting or refracting surface.
Figure 9. Landed Pixel Orientation and Tilt
See Physical Characteristics of the Micromirror Array for M and N specifications.
6.11 Window Characteristics
Table 1. DMD Window Characteristics
PARAMETER
VALUE
UNIT
Window Material
Corning Eagle XG
Window Refractive Index at wavelength 546.1 nm
1.5119
Window Transmittance, minimum within the wavelength range 420–680 nm. Applies to all angles
0–30° AOI. (1)(2)
97%
Window Transmittance, average over the wavelength range 420–680 nm. Applies to all angles
30–45° AOI. (1)(2)
97%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com