Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5028C Datasheet(PDF) 39 Page - Richtek Technology Corporation

Part # RT5028C
Description  Integrated PMIC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5028C Datasheet(HTML) 39 Page - Richtek Technology Corporation

Back Button RT5028C Datasheet HTML 33Page - Richtek Technology Corporation RT5028C Datasheet HTML 34Page - Richtek Technology Corporation RT5028C Datasheet HTML 35Page - Richtek Technology Corporation RT5028C Datasheet HTML 36Page - Richtek Technology Corporation RT5028C Datasheet HTML 37Page - Richtek Technology Corporation RT5028C Datasheet HTML 38Page - Richtek Technology Corporation RT5028C Datasheet HTML 39Page - Richtek Technology Corporation RT5028C Datasheet HTML 40Page - Richtek Technology Corporation RT5028C Datasheet HTML 41Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
39
DS5028C-03
September 2016
www.richtek.com
RT5028C
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
MTP
Address
I
2C Register Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x0D
No
mapping
Function
x
Meaning
Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved
Default
0
0
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Condition
A
A
A
A
A
A
A
A
0x0E
No
mapping
Function
x
Meaning
Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved
Default
0
0
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Condition
A
A
A
A
A
A
A
A
0x0F
No
mapping
Function
x
Meaning
Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved
Default
0
0
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Condition
A
A
A
A
A
A
A
A
Reset Condition
A
Reset by MTP (Register 0x12 VOFF Setting).
B
Reset when VIN <1.7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com