Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5028C Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT5028C
Description  Integrated PMIC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5028C Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT5028C Datasheet HTML 9Page - Richtek Technology Corporation RT5028C Datasheet HTML 10Page - Richtek Technology Corporation RT5028C Datasheet HTML 11Page - Richtek Technology Corporation RT5028C Datasheet HTML 12Page - Richtek Technology Corporation RT5028C Datasheet HTML 13Page - Richtek Technology Corporation RT5028C Datasheet HTML 14Page - Richtek Technology Corporation RT5028C Datasheet HTML 15Page - Richtek Technology Corporation RT5028C Datasheet HTML 16Page - Richtek Technology Corporation RT5028C Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
13
DS5028C-03
September 2016
www.richtek.com
RT5028C
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT5028C is a highly-integrated solution for industrial
system including PMIC and memory system. The
RT5028C application mechanism and I2C compatible
interface are introduced in later sections. The system's
slave address is 0110111 (As SADDR = high) or
0111111(As SADDR = low).
PMIC - Power management system provides 8 low dropout
linear regulator and 4 high efficiency synchronous step-
down DC-DC converters. Power-On and Power-Off
sequences are control by PWRON and RESET input pins.
Detail time sequence control is described in Power ON/
OFF diagram. The I2C interface can program individual
regulator output voltage as well as on/off control and
voltage setting.
I2C Interface Timing Diagram
The RT5028C acts as an I
2C -bus slave. The I2C-bus master
configures the settings for all function blocks by sending
command bytes to the RT5028C via the 2-wire I
2C-bus.
The I
2C timing diagrams are list in the following.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
I
2C Interface Electrical Characteristics
SDA, SCLK Input High Level
Threshold
0.7 x
VDDA
--
--
V
SDA, SCLK Input Low Level
Threshold
--
--
0.3 x
VDDA
V
SCLK Clock Rate
fSCL
--
--
400
kHz
Hold Time (Repeated) START
Condition.
After this period, the first clock
pulse is generated
tHD;STA
0.6
--
--
μs
LOW Period of the SCL Clock
tLOW
1.3
--
--
μs
HIGH Period of the SCL Clock
tHIGH
0.6
--
--
μs
Set-Up Time for a Repeated
START Condition
tSU;STA
0.6
--
--
μs
Data Hold Time
tHD;DAT
0
--
0.9
μs
Data Set-Up Time
tSU;DAT
100
--
--
ns
Set-Up Time for STOP
Condition
tSU;STO
0.6
--
μs
Bus Free Time Between a
STOP and START Condition
tBUF
1.3
--
--
μs
Rise Time of Both SDA and
SCL Signals
tR
20
--
300
ns
Fall Time of Both SDA and
SCL Signals
tF
20
--
300
ns
SDA and SCL Output Low Sink
Current
IOL
SDA or SCL voltage = 0.4V
2
--
--
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com